Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4059L-A-AQ3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # K4059L-A-AQ3-R
Description  FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

K4059L-A-AQ3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  K4059L-A-AQ3-R Datasheet HTML 1Page - Unisonic Technologies K4059L-A-AQ3-R Datasheet HTML 2Page - Unisonic Technologies K4059L-A-AQ3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
K4059
Preliminary
N-CHANNEL JFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R228-001.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-Drain Voltage
VGDO
-20
V
Gate-Current
IG
10
mA
Drain Power Dissipation (TA=25°C)
PD
100
mW
Junction Temperature
TJ
125
°C
Storage Temperature Range
TSTG
-55~125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Drain Current
IDSS
VGS=0, VDS=2V
K4059-A
140
240
µA
K4059-B
210
350
µA
K4059-C
320
500
µA
Drain Current
ID
VDD=2V, RL=2.2kΩ,
Cg=5pF
K4059-A
125
260
µA
K4059-B
190
370
µA
K4059-C
290
500
µA
Gate-Drain Voltage
V(BR)GDO
IG=-10µA
-20
V
Gate-Source Cut-Off Voltage
VGS (OFF)
VDS=2V, ID=1µA
-0.1
-1.0
V
Forward Transfer Admittance
|Yfs|
VDS=2V, VGS=0V
1.35 1.85
mS
Input Capacitance
CISS
VDS=2V, VGS=0, f=1MHz
4.0
pF
Voltage Gain
GV
VDD=2V,RL=2.2kΩ,
Cg=5pF, f=1kHz,
VIN=100mV
K4059-A
-1.2
+0.9
dB
K4059-B
-0.2
+1.4
dB
K4059-C
+0.5 +1.8
dB
Delta Voltage Gain
∆GV(f)
VDD=2V, RL=2.2kΩ, Cg=5pF,
f=1kHz~100Hz, VIN=100mV
0
-1
dB
Delta Voltage Gain
∆GV(V)
VDD=2V~1.5V,RL=2.2kΩ,
Cg=5pF, f=1kHz,
VIN=100mV
K4059-A
-0.6 -1.1
dB
K4059-B
-0.8 -1.7
dB
K4059-C
-1.4 -3.2
dB
Noise Voltage
VN
VDD=2V, RL=1kΩ,
Cg=10pF, GV=80dB,
A-Curve Filter
K4059-A
33
75
mV
K4059-B
38
80
mV
K4059-C
42
90
mV
Total Harmonic Distortion
THD
VDD=2V, RL=2.2kΩ,
Cg=5pF, f=1kHz,
VIN =50mV
K4059-A
1.3
%
K4059-B
0.6
%
K4059-C
0.1
%
Time Output Stability
tOS
VDD=2V, RL=2.2kΩ, Cg=5pF
100 200
ms
CLASSIFICATION OF IDSS
RANK
A
B
C
RANGE
140-240
210-350
320-500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com