Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5206-3GDPR3 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5206-3GDPR3
Description  6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5206-3GDPR3 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5206-3GDPR3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5206-3GDPR3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5206-3GDPR3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5206-3GDPR3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5206-3GDPR3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5206-3GDPR3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5206-3GDPR3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start-up
delay, load transient response and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic capaci-
tor with almost zero ESR, can cause instability. The alu-
minum electrolytic capacitor is the least expensive solu-
tion. However, when the circuit operates at low tempera-
tures, both the value and ESR of the capacitor will vary
considerably. The capacitor manufacturers data sheet pro-
vides this information.
A 22µF tantalum capacitor will work for most applications,
but with high current regulators such as the CS5206 -X the
transient response and stability improve with higher val-
ues of capacitor. The majority of applications for this regu-
lator involve large changes in load current so the output
capacitor must supply the instantaneous load current. The
ESR of the output capacitor causes an immediate drop in
output voltage given by:
ÆV = ÆI
´ ESR
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum
and ceramic capacitors in parallel. This reduces the overall
ESR and reduces the instantaneous output voltage drop
under load transient conditions. The output capacitor net-
work should be as close as possible to the load for the best
results.
When large external capacitors are used with a linear regu-
lator it is sometimes necessary to add protection diodes. If
the input voltage of the regulator gets shorted, the output
capacitor will discharge into the output of the regulator.
The discharge current depends on the value of the capaci-
tor, the output voltage and the rate at which VIN drops. In
the CS5206-X family of linear regulators, the discharge
path is through a large junction and protection diodes are
not usually needed. If the regulator is used with large
values of output capacitance and the input voltage is
instantaneously shorted to ground, damage can occur. In
this case, a diode connected as shown in Figures 2a and 2b
is recommended.
Figure 2a. Protection diode scheme for adjustable output regulator.
Figure 2b. Protection diode scheme for fixed output regulators.
Since the CS5206 -X is a three terminal regulator, it is not
possible to provide true remote load sensing. Load regula-
tion is limited by the resistance of the conductors connect-
ing the regulator to the load. For best results the fixed reg-
ulators should be connected as shown in Figure 3.
Figure 3. Conductor parasitic resistance can be minimized with the
above grounding scheme for fixed output regulators.
For the adjustable regulator, the best load regulation
occurs when R1 is connected directly to the output pin of
the regulator as shown in Figure 4. If R1 is connected to the
load, RC is multiplied by the divider ratio and the effective
resistance between the regulator and the load becomes
RC ´
()
RC = conductor parasitic resistance
Figure 4. Grounding scheme for the adjustable output regulator to min-
imize parasitics.
VOUT
RC
VIN
conductor parasitic
resistance
CS5206-1
VIN
Adj
RLOAD
R1
R2
R1 + R2
R1
VOUT
RC
VIN
conductor parasitic
resistance
CS5206-X
VIN
Gnd
RLOAD
Output Voltage Sensing
VOUT
VIN
CS5206-X
VIN
Gnd
VOUT
C2
C1
IN4002
(optional)
VOUT
VIN
CS5206-1
VIN
Adj
R1
R2
C1
VOUT
C2
CAdj
IN4002
(optional)
Protection Diodes
Stability Considerations
Applications Information: continued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com