Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5210-1 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5210-1
Description  10A LDO 3-Pin Adjustable Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5210-1 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5210-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5210-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics: 0¡C²TA ² 70¡C, 0¡C²TJ ² 150¡C, VAdj = 0V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Absolute Maximum Ratings
Input Voltage ............................................................................................................................................................................6V
Operating Ambient Temperature Range.......................................................................................................0¡C ² TA ² 70¡C
Operating Junction Temperature Range.......................................................................................................0¡C ² TJ ² 150¡C
Storage Temperature Range ............................................................................................................................-65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) .................................................................................10 sec. max, 260¡C peak
ESD Damage Threshold ........................................................................................................................................................2kV
Reference voltage
VIN=2.75V to 5.5V, IOUT=10mA to 10A
1.227
1.253
1.278
V
(-2%)
(+2%)
Line Regulation
VIN=2.75V to 5.5V, IOUT=10mA
.02
.20
%
Load Regulation
VIN=2.75V,IOUT=10mA to 10A
.04
.50
%
Minimum Load Current
VIN=5V, ÆVOUT= +2%
5
10
mA
(Note 1)
Adjust Pin Current
VIN=2.75V,IOUT=10mA
70
120
µA
Current Limit
VIN=2.75V,ÆVOUT= -2%
10.1
12.0
A
Short Circuit Current
VIN=2.75V,VOUT=0V
8.0
10.0
A
Ripple Rejection
VIN=3.25V Avg,
60
80
dB
(Note 2)
VRipple=1VP-P @120Hz,
IOUT=4A,CAdj=0.1µF, COUT=22µF
Thermal Regulation
30ms Pulse, TA=25¡C
0.002
%/W
(Note 2)
Dropout Voltage
IOUT=100mA
0.92
1.15
V
(Minimum VIN -VOUT)IOUT=1A
0.93
1.15
V
(Note 3)
IOUT=2.75A
0.94
1.15
V
IOUT=4A
0.95
1.15
V
IOUT=10A
1.03
1.40
V
RMS Output Noise
Freq=10Hz to 10kHz, TA=25¡C
0.003
%VOUT
Temperature Stability
0.5
%
Thermal Shutdown
150
180
210
¡C
(Note 4)
Thermal Shutdown Hysteresis
25
¡C
(Note 4)
Note 1: The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set
the output voltage is selected to meet the minimum load current requirement.
Note 2: This parameter is guaranteed by design and is not 100% production tested.
Note 3: Dropout voltage is defined as the minimum input/output voltage differential required to maintain 2% regulation.
Note 4: This parameter is guaranteed by design, but not parametrically tested in production. However, a 100% thermal shutdown functional test is
performed on each part.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com