Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5231-3 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5231-3
Description  500mA, 3.3V Linear Regulator with Auxiliary Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5231-3 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5231-3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5231-3 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Electrical Characteristics: 0°C < TA < 70°C, 0°C < TJ < 125°C, 4.75V ≤ VCC < 6V, COUT ≥ 10µF with ESR < 1Ω,
IOUT = 10mA, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Absolute Maximum Ratings
Maximum Operating Junction Temperature ..........................................................................................................................150°C
Storage Temperature Range .....................................................................................................................................-65°C to +150°C
Lead Temperature Soldering
Reflow (SMD styles only) ...........................................................................................60 sec. max above 183°C, 230°C peak
ESD Damage Threshold (Human Body Model)....................................................................................................................2kV
PIN SYMBOL
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
VIN
IC Power Input
14V
-0.3V
100mA
Internally
Limited
VOUT
Output Voltage
6V
-0.3V
Internally
100mA
Limited
AuxDrv
Auxiliary Drive Output
14V
-0.3V
10mA
50mA
Gnd
IC Ground
N/A
N/A
N/A
N/A
s
Linear Regulator
Output Voltage
10mA < IOUT < 500mA
3.234
3.300
3.366
V
-2%
+2%
Line Regulation
IOUT = 10mA,
1
5
mV
VIN = 4.75V to 6V
Load Regulation
VIN = 5V,
5
15
mV
IOUT = 10mA to 500mA
Ground Current
IOUT = 10mA
2
3
mA
IOUT = 500mA
3
6
mA
Reverse Current
VIN = 0V, VOUT = 3.3V
0.45
1
mA
Current Limit
0V < VOUT < 3.2V
0.55
0.85
1.2
A
Thermal Shutdown
Note 1
150
180
210
°C
Thermal Shutdown Hysteresis
Note 1
25
°C
s
Auxiliary Drive
Upper VIN Threshold
Increase VIN until regulator turns on
4.35
4.5
4.65
V
and AuxDrv drives high
Lower VIN Threshold
Decrease VIN until regulator turns off
4.25
4.4
4.55
V
and AuxDrv drives low
VIN Threshold Hysteresis
75
100
125
mV
Output Low Voltage
IAuxDrv = 100µA,
0.1
0.4
V
1V < VIN < 4.5V
Output Low Peak Voltage
Increase VIN from 0V to 1V.
0.65
0.9
V
Record peak AuxDrv output voltage
AuxDrv Current Limit
VAuxDrv = 1V,
0.5
6
25
mA
VIN = 4.0V
Response Time
Step VIN from 5V to 4V, measure time
1
10
µs
for VAuxDrv to drive low. Note 1
Pull-Up/Down Resistance
VIN = 0V and VIN > 4.7V
5
10
25
kΩ
Note 1: Guaranteed by design, not 100% production tested. Thermal shutdown is 100% functionally tested at wafer
probe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com