Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4733A Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SMA4733A
Description  SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMA4733A Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SMA4733A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMA4733A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMA4733A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMA4733A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMA4733A Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount Zener Diodes
Revision November 21, 2013
4 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMA4728A - SZ1330A Series
VZ: 3.3 To 330 V
PD: 1 W
SOCAY Electronics Co., Ltd.
www.socay.com
Figure 1 - Power Temperature Derating Curve
Figure 3 - Typical Thermal Resistance v.s. Lead Length
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 2 -Temperature Coefficients v.s. Zener Voltage
TL - Lead Temperature(°C)
1.0
0
25
50
75
100
125
150
175
200
0.8
0.6
0.4
0.2
0.0
100
10
100
10
1
Zener Voltage, VZ(V)
Range
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
175
Lead Length to Heatsink, L, (inches)
150
135
100
75
50
25
0
Figure 4 - Maximum Surge Power
Pulse Width, PW, (S)
20% Duty Cycle
10% Duty Cycle
5% Duty Cycle
11V-91V Non-Repetitive
Rectangular Waveform TJ=25°C
Prior to Initial
0.01
0.1
10
100
1000
100
10
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com