Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF010-0805-R Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SCF010-0805-R
Description  Surface Mount Resettable PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCF010-0805-R Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SCF010-0805-R Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCF010-0805-R Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCF010-0805-R Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCF010-0805-R Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Resettable PTCs
Revision September 12, 2013
1 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCF0805 Series
SOCAY Electronics Co., Ltd.
www.socay.com
The
SCF0805
Series
PTC
provides
surface
mount
over-current protection for applications where space is at a
premium and resettable protection is desired.
u
RoHS compliant, Lead-Free and Halogen-Free
u
Fast time-to-trip
u
Compact design saves board space
u
Low resistance
u
Low-profile
u
PC motherboard - plug and play protection
u
Mobile phones - battery and port protection
u
Game console port protection
u
USB peripherals
u
Disk drive
u
PDAS / digital cameras
u
Power ports
u
General electronics
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Maximum Time
To Trip
Resistance
Part Number
I hold (A)
I trip
(A)
V max
(Vdc)
I max
(A)
P dtyp.
(W)
Current
(A)
Time
(Sec.)
R min
(
Ω)
R 1max
(
Ω)
SCF010-0805-R
0.10
0.30
15
100
0.5
0.50
1.50
0.700
6.000
SCF020-0805-R
0.20
0.50
9
100
0.5
8.00
0.02
0.400
3.500
SCF035-0805-R
0.35
0.75
6
100
0.5
8.00
0.10
0.250
1.200
SCF050-0805R
0.50
1.00
6
100
0.5
8.00
0.10
0.150
0.850
SCF050-9-0805R
0.50
1.00
9
100
0.5
8.00
0.10
0.150
0.850
SCF075-0805R
0.75
1.50
6
40
0.6
8.00
0.20
0.090
0.350
SCF100-0805R
1.00
1.95
6
40
0.6
8.00
0.30
0.060
0.210
I hold= Hold current: maximum current device will pass without tripping in 23°C still air.
I trip= Trip current: minimum current at which the device will trip in 23°C still air.
V max= Maximum voltage device can withstand without damage at rated current (Imax)
I max= Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pdtyp.= Power dissipated from device when in the tripped state at 23°C still air.
R min= Minimum resistance of device in initial (un-soldered) state.
R 1max= Maximum resistance of device at 23°C measured one hour after tripping.
Caution: Operation beyond the speci
fied rating may result in damage and possible arcing and flame.
Electrical Parameters
Applicable
Description
Features


Similar Part No. - SCF010-0805-R

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCF010-0603-R SOCAY-SCF010-0603-R Datasheet
1Mb / 4P
Surface Mount Resettable PTCs
More results

Similar Description - SCF010-0805-R

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCF030-2920-R SOCAY-SCF030-2920-R Datasheet
891Kb / 4P
Surface Mount Resettable PTCs
SCF005-1210-R SOCAY-SCF005-1210-R Datasheet
905Kb / 4P
Surface Mount Resettable PTCs
SCF001-0603-R SOCAY-SCF001-0603-R Datasheet
1Mb / 4P
Surface Mount Resettable PTCs
logo
UN Semiconducctor INC
SMD0603 UNSEMI-SMD0603 Datasheet
2Mb / 6P
Surface Mount Resettable PTCs
Revision March 1,2022
SMD0603L UNSEMI-SMD0603L Datasheet
2Mb / 7P
Surface Mount Resettable PTCs
Revision March 1,2022
SMD0805 UNSEMI-SMD0805_V01 Datasheet
2Mb / 6P
Surface Mount Resettable PTCs
Revision March 1,2022
SMD1206 UNSEMI-SMD1206 Datasheet
2Mb / 6P
Surface Mount Resettable PTCs
Revision March 1,2022
SMD1812L UNSEMI-SMD1812L Datasheet
3Mb / 7P
Surface Mount Resettable PTCs
Revision March 1,2022
SMD2920L UNSEMI-SMD2920L Datasheet
2Mb / 7P
Surface Mount Resettable PTCs
Revision March 1,2022
SMD2920 UNSEMI-SMD2920_V01 Datasheet
2Mb / 7P
Surface Mount Resettable PTCs
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com