Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF125-2920-R Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SCF125-2920-R
Description  Surface Mount Resettable PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCF125-2920-R Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SCF125-2920-R Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCF125-2920-R Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCF125-2920-R Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCF125-2920-R Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface Mount Resettable PTCs
Revision September 12, 2013
4 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCF2920 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Packaging Option
Quantity
SCF030-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF050-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF075-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF075-60-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF100-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF125-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF150-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF185-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF200-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF200-24-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF250-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF260-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF300-2920-R
Tape & Reel -16mm/7
″tape
2000
SCF300-15-2920R
Tape & Reel -16mm/7
″tape
2000
u
Operation beyond the specified maximum ratings or improper use may result in damage and possible electrical arcing and/or
flame.
u
PPTC device are intended for occasional over-current protection. Application for repeated over-current condition and/or
prolonged trip are not anticipated.
u
Avoid contact of PPTC device with chemical solvent. Prolonged contact will damage the device performance.
Packaging
Warning
Tape and Reel Specifications
Direction of Feed
0.646
(16.4)
0.512(13.0)
Arbor Hole Diameter
7.0
(177.8)
Packag
Dimensions are in inches
(and millimeters)
0.157
(4.0)
0.059
(1.5)
Diameter
Cover tape
0.630
(16.0)
0.315
(8.0)
0.524
(13.3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com