Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF050-1210-R Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SCF050-1210-R
Description  Surface Mount Resettable PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCF050-1210-R Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SCF050-1210-R Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCF050-1210-R Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCF050-1210-R Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCF050-1210-R Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount Resettable PTCs
Revision September 12, 2013
3 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCF1210 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Example
A
B
C
Device
Nominal
Nominal
Nominal
1210 Series
2.00
1.00
2.80
The dimension in the table below provide the recommended
pad layout for each SCF1210 device
A
B
C
D
E
Part Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
SCF005-1210-R
3.00
3.43
2.35
2.80
0.60
1.15
0.25
0.75
0.10
0.45
SCF010-1210-R
3.00
3.43
2.35
2.80
0.60
1.15
0.25
0.75
0.10
0.45
SCF020-1210-R
3.00
3.43
2.35
2.80
0.40
0.85
0.25
0.75
0.10
0.45
SCF035-1210-R
3.00
3.43
2.35
2.80
0.40
0.80
0.25
0.75
0.10
0.45
SCF050-1210-R
3.00
3.43
2.35
2.80
0.30
0.75
0.25
0.75
0.10
0.45
SCF075-1210-R
3.00
3.43
2.35
2.80
0.30
0.70
0.25
0.75
0.10
0.45
SCF075-24-1210R
3.00
3.43
2.35
2.80
0.90
1.30
0.25
0.75
0.10
0.45
SCF110-1210R
3.00
3.43
2.35
2.80
0.60
1.00
0.25
0.75
0.10
0.45
SCF150-1210R
3.00
3.43
2.35
2.80
0.50
0.90
0.25
0.75
0.10
0.45
SCF175-1210R
3.00
3.43
2.35
2.80
0.80
1.40
0.25
0.75
0.10
0.45
SCF200-1210R
3.00
3.43
2.35
2.80
0.80
1.40
0.25
0.75
0.10
0.45
Dimensions
Unit: mm
Part Numbering
Part Marking
Pad Layouts
Unit: mm
SCF XXX
– XX – 1210R
Device Size Code
Voltage Rating
Current Rating
Socay Product Code
F75
F75
F
F XX
Part Identification
Logo
F XX
X
Part Identification
Logo



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com