Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5253-1 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5253-1
Description  3A LDO 5-Pin Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5253-1 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5253-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5253-1 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics: 0¡C²TA ² 70¡C, 0¡C²TJ ² 150¡C, VSENSE = VOUT and VAdj = 0V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Absolute Maximum Ratings
VPOWER Input Voltage.......................................................................................................................................................................6V
VCONTROL Input Voltage.................................................................................................................................................................13V
Operating Junction Temperature Range ................................................................................................................0¡C ² TJ ² 150¡C
Storage Temperature Range .....................................................................................................................................-65¡C to +150¡C
Lead Temperature Soldering
Reflow (SMD styles only) ......................................................................................60 sec. max above 183¡C, 230¡C peak
ESD Damage Threshold............................................................................................................................................................2kV
Reference Voltage
VCONTROL=2.75V to 12V,
1.237
1.250
1.263
V
VPOWER=2.05V to 5.5V, IOUT = 10mA to 3A
(-1%)
(+1%)
Line Regulation
VCONTROL = 2.5V to 12V,
.02
.20
%
VPOWER = 1.75V to 5.5V, IOUT = 10mA
Load Regulation
VCONTROL = 2.75V,
.04
.30
%
VPOWER = 2.05V, IOUT = 10mA to 3A,
with remote sense
Minimum Load Current
VCONTROL = 5V, VPOWER = 3.3V,
5
10
mA
(Note 1)
ÆVOUT = +1%
Control Pin Current
VCONTROL = 2.75V, VPOWER = 2.05V, IOUT = 100mA
6
10
mA
(Note 2)
VCONTROL = 2.75V, VPOWER = 2.05V, IOUT = 3A
35
120
mA
Adjust Pin Current
VCONTROL =2.75V, VPOWER = 2.05V, IOUT = 10mA
60
120
µA
Current Limit
VCONTROL = 2.75V, VPOWER = 2.05V,
3.1
4.0
A
ÆVOUT = -1%
Short Circuit Current
VCONTROL = 2.75V, VPOWER = 2.05V, VOUT = 0V
2.6
3.5
A
Ripple Rejection
VCONTROL = VPOWER = 3.25V,
60
80
dB
(Note 3)
VRIPPLE = 1VP-P@120Hz,
IOUT = 4A, CADJ = 0.1µF
Thermal Regulation
30ms Pulse, TA=25¡C
0.002
%/W
VCONTROL Dropout Voltage
VPOWER = 2.05V, IOUT = 100mA
0.90
1.15
V
(Minimum VCONTROL-VOUT)VPOWER = 2.05V, IOUT = 1A
1.00
1.15
V
(Note 4)
VPOWER = 2.05V, IOUT = 3A
1.05
1.30
V
VPOWER Dropout Voltage
VCONTROL = 2.75V, IOUT = 100mA
.05
.15
V
(Minimum VPOWER-VOUT)VCONTROL = 2.75V, IOUT = 1A
.15
.25
V
(Note 4)
VCONTROL = 2.75V, IOUT = 3A
.40
.60
V
RMS Output Noise
Freq = 10Hz to 10kHz, TA = 25¡C
0.003
%VOUT
Temperature Stability
0.5
%
Thermal Shutdown (Note 5)
150
180
210
¡C
Thermal Shutdown Hysteresis
25
¡C
VCONTROL Supply Only
VCONTROL = 13V, VPOWER not connected,
50
mA
Output Current
VADJUST = VOUT = VSENSE = 0V
VPOWER Supply Only
VPOWER = 6V, VCONTROL not connected,
0.1
1.0
mA
Output Current
VADJUST = VOUT = VSENSE = 0V
Note 1:
The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set
the output voltage is selected to meet the minimum load current requirement.
Note 2:
The VCONTROL pin current is the drive current required for the output transistor. This current will track output current with roughly a 1:100
ratio. The minimum value is equal to the quiescent current of the device.
Note 3:
This parameter is guaranteed by design and is not 100% production tested.
Note 4:
Dropout is defined as either the minimum control voltage, (VCONTROL) or minimum power voltage (VPOWER) to output voltage differential
required to maintain 1% regulation at a particular load current.
Note 5:
This parameter is guaranteed by design, but not parametrically tested in production. However, a 100% thermal shutdown functional test is
performed on each part.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com