Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF125-R-1812 Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SCF125-R-1812
Description  Surface Mount Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCF125-R-1812 Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SCF125-R-1812 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCF125-R-1812 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCF125-R-1812 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCF125-R-1812 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCF125-R-1812 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount Resettable PTCs
Revision September 12, 2013
2 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCF1812 Series
SOCAY Electronics Co., Ltd.
www.socay.com
0
SCF150-1812
1.50
3.00
6
40
0.8
8.0
0.500
0.040
0.110
SCF150-R-1812
1.50
3.00
6
40
0.8
8.0
0.500
0.040
0.110
SCF150-12R-1812
1.50
3.00
12
100
1.0
8.0
0.500
0.040
0.110
SCF150-24R-1812
1.50
3.00
24
100
1.0
8.0
1.500
0.040
0.120
SCF160-1812
1.60
3.20
6
40
0.8
8.0
0.500
0.030
0.100
SCF160-R-1812
1.60
3.20
6
40
0.8
8.0
0.500
0.030
0.100
SCF160-12R-1812
1.60
3.20
12
100
1.0
8.0
1.000
0.030
0.100
SCF160-16R-1812
1.60
3.20
16
100
1.0
8.0
1.000
0.030
0.100
SCF190R-1812
1.90
4.90
6
100
1.0
8.0
5.000
0.003
0.025
SCF200R-1812
2.00
3.50
8
100
1.0
8.0
2.000
0.020
0.070
SCF260R-1812
2.60
5.00
6
100
1.0
8.0
2.500
0.015
0.047
SCF260-13R-1812
2.60
5.00
13.2
100
1.3
8.0
5.000
0.015
0.050
SCF260-16R-1812
2.60
5.00
16
100
1.3
8.0
5.000
0.015
0.050
SCF300R-1812
3.00
5.00
6
100
1.0
8.0
4.000
0.012
0.04
I hold= Hold current: maximum current device will pass without tripping in 23°C still air.
I trip= Trip current: minimum current at which the device will trip in 23°C still air.
V max= Maximum voltage device can withstand without damage at rated current (Imax)
I max= Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pdtyp.= Power dissipated from device when in the tripped state at 23°C still air.
R min= Minimum resistance of device in initial (un-soldered) state.
R 1max= Maximum resistance of device at 23°C measured one hour after tripping.
Caution: Operation beyond the speci
fied rating may result in damage and possible arcing and flame.
5
A = SCF010/010-R-1812
B = SCF014/014-R-1812
C = SCF020/020-R-1812
D = SCF035/035-R-1812
E = SCF050/050-R-1812
F = SCF075/075-R/
075-24R/075-33R-1812
G = SCF110/110-R/110-16/
110-16-R/110-24R-1812
H = SCF125/125-R-1812
I = SCF150/150-R/
150-12R/150-24R-1812
J = SCF160/160-R/
160-12R/160-16R-1812
K = SCF200R-1812
L = SCF260R/260-13R/
260-16R-1812
M= SCF190R-1812
N = SCF300R-812
A=SCF075, 075-24R, 075-33R, 110, 110-R,
110-16-R, 110-24R, 125, 150, 150-12R,
150-24R, 160, 160-12R, 160-16R, 190R,
200R,
260R,
260-13R,
260-16R,
300R-1812
B=SCF010, 014, 020, 035, 050-1812
Terminal pad material
Pure Tin
Soldering Characteristics
Meets EIA specification RS 186-9E, ANSI/J-std-002 Category 3
Temperature Rerating Chart
– I
hold (A)
Temperature Rerating Curve
Average Time Current Curves
Fault Current (A)
Material Specifications
Electrical Parameters
(Continue)
Ambient Temperature (
°C)
B
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com