Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF150-R-1812 Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SCF150-R-1812
Description  Surface Mount Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCF150-R-1812 Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SCF150-R-1812 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCF150-R-1812 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCF150-R-1812 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCF150-R-1812 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCF150-R-1812 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Surface Mount Resettable PTCs
Revision September 12, 2013
5 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCF1812 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Packaging Option
Quantity
Part Number
Packaging Option
Quantity
SCF010-1812
Tape & Reel -12mm/7
″tape
2000
SCF110-24R-1812
Tape & Reel -12mm/7
″tape
1500
SCF010-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF125-1812
Tape & Reel -12mm/7
″tape
2000
SCF014-1812
Tape & Reel -12mm/7
″tape
2000
SCF125-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF014-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF150-1812
Tape & Reel -12mm/7
″tape
2000
SCF020-1812
Tape & Reel -12mm/7
″tape
2000
SCF150-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF020-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF150-12R-1812
Tape & Reel -12mm/7
″tape
2000
SCF035-1812
Tape & Reel -12mm/7
″tape
2000
SCF150-24R-1812
Tape & Reel -12mm/7
″tape
2000
SCF035-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF160-1812
Tape & Reel -12mm/7
″tape
2000
SCF050-1812
Tape & Reel -12mm/7
″tape
2000
SCF160-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF050-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF160-12R-1812
Tape & Reel -12mm/7
″tape
2000
SCF075-1812
Tape & Reel -12mm/7
″tape
2000
SCF160-16R-1812
Tape & Reel -12mm/7
″tape
2000
SCF075-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF190R-1812
Tape & Reel -12mm/7
″tape
2000
SCF075-24R-1812
Tape & Reel -12mm/7
″tape
1500
SCF200R-1812
Tape & Reel -12mm/7
″tape
2000
SCF075-33R-1812
Tape & Reel -12mm/7
″tape
1500
SCF260R-1812
Tape & Reel -12mm/7
″tape
2000
SCF110-1812
Tape & Reel -12mm/7
″tape
2000
SCF260-13R-1812
Tape & Reel -12mm/7
″tape
1500
SCF110-R-1812
Tape & Reel -12mm/7
″tape
2000
SCF260-16R-1812
Tape & Reel -12mm/7
″tape
1500
SCF110-16-1812
Tape & Reel -12mm/7
″tape
2000
SCF300R-1812
Tape & Reel -12mm/7
″tape
1500
SCF110-16-R-1812
Tape & Reel -12mm/7
″tape
2000
u
Operation beyond the specified maximum ratings or improper use may result in damage and possible electrical arcing and/or
flame.
u
PPTC device are intended for occasional over-current protection. Application for repeated over-current condition and/or
prolonged trip are not anticipated.
u
Avoid contact of PPTC device with chemical solvent. Prolonged contact will damage the device performance.
Packaging
Warning
Tape and Reel Specifications
Direction of Feed
0.49
(12.4)
7.0
(177.8)
Dimensions are in inches
(and millimeters)
0.36
(9.2)
0.157
(4.0)
Diameter
Cover tape
0.472
(12.0)
0.315
(8.0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com