Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5258-1 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS5258-1
Description  8A LDO 5-Pin Adjustable Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5258-1 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS5258-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5258-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5258-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5258-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5258-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5258-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5258-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5258-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5258-1 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2
Absolute Maximum Ratings
Reference Voltage
VCONTROL = 2.75V to 12V, VPOWER = 2.15V to 5.5V,
1.234
1.253
1.272
V
10mA ² IOUT ² 8A
(-1.5%)
(+1.5%)
Line Regulation
VCONTROL = 2.5V to 12V, VPOWER = 1.75V to 5.5V,
.02
.20
%
IOUT = 10mA
Load Regulation
VCONTROL = 2.75V, VPOWER = 2.15V,
.04
.20
%
(Note 3)
IOUT = 10mA to 8A, with remote sense
Minimum Load Current
VCONTROL = 5V, VPOWER = 3.3V, ÆVOUT= +1%
5
10
mA
(Note 1)
Control Pin Current
VCONTROL = 2.75V, VPOWER = 2.15V, IOUT = 100mA
6
10
mA
(Note 2)
VCONTROL = 2.75V, VPOWER = 2.15V, IOUT = 4A
30
60
mA
VCONTROL = 2.75V, VPOWER = 1.75V, IOUT = 4A
33
70
mA
VCONTROL = 2.75V, VPOWER = 2.15V, IOUT = 8A
80
180
mA
Adjust Pin Current
VCONTROL = 2.75V, VPOWER = 2.15V, IOUT = 10mA
60
120
µA
Current Limit
VCONTROL = 2.75V, VPOWER = 2.15V, ÆVOUT= -1.5%
8.1
10.0
A
Short Circuit Current
VCONTROL = 2.75V, VPOWER = 2.15V, VOUT = 0V
6.0
9.0
A
Ripple Rejection
VCONTROL = VPOWER = 3.25V Avg,
60
80
dB
(Note 3)
VRipple = 1VP-P @ 120Hz, IOUT = 4A, CADJ = 0.1µF
Thermal Regulation
30ms Pulse, TA = 25¡C
0.002
%/W
VCONTROL Dropout Voltage
VPOWER = 2.15V, IOUT = 100mA
1.00
1.15
V
(Minimum VCONTROL-VOUT)VPOWER = 2.15V, IOUT = 1A
1.00
1.15
V
(Note 4)
VPOWER = 2.15V, IOUT = 2.75A
1.00
1.15
V
VPOWER = 2.15V, IOUT = 4A
1.00
1.15
V
VPOWER = 2.15V, IOUT = 8A
1.15
1.30
V
VPOWER Dropout Voltage
VCONTROL = 2.75V, IOUT = 100mA
.10
.15
V
(Minimum VPOWER-VOUT)VCONTROL = 2.75V, IOUT = 1A
.15
.20
V
(Note 4)
VCONTROL = 2.75V, IOUT = 2.75A
.20
.30
V
VCONTROL = 2.75V, IOUT = 4A
.26
.40
V
VCONTROL = 2.75V, IOUT = 8A
.40
.70
V
RMS Output Noise
Freq = 10Hz to 10kHz, TA = 25¡C
0.003
%VOUT
Temperature Stability
0.5
%
Thermal Shutdown (Note 5)
150
180
210
¡C
Thermal Shutdown Hysteresis
25
¡C
VCONTROL Supply Only
VCONTROL = 13V, VPOWER not connected,
50
mA
Output Current
VADJUST = VOUT = VSENSE = 0V
Electrical Characteristics: 0¡C ² TA ² 70¡C, 0¡C ² TJ ² 150¡C, VSENSE = VOUT and VAdj = 0V unless otherwise specified.
VPOWER Input Voltage .................................................................................................................................................................6V
VCONTROL Input Voltage ...........................................................................................................................................................13V
Operating Junction Temperature Range...........................................................................................................0¡C ² TJ ² 150¡C
Storage Temperature Range ................................................................................................................................-65¡C to +150¡C
ESD Damage Threshold............................................................................................................................................................2kV
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260¡C peak



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com