Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS52843 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS52843
Description  Current Mode PWM Control Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52843 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS52843 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52843 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 1: Startup voltage for the CS52843.
Undervoltage Lockout
During Undervoltage Lockout (Figure 1), the output driv-
er is biased to sink minor amounts of current. The output
should be shunted to ground with a resistor to prevent
activating the power switch with extraneous leakage cur-
rents.
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal
which represents the peak output inductor current (Figure
2). An increase in VCC causes the inductor current slope to
increase, thus reducing the duty cycle. This is an inherent
feed-forward characteristic of current mode control, since
the control voltage does not have to change during
changes of input supply voltage.
VCC
VON =8.4V
VOFF = 7.6V
ON/OFF Command
to reset of IC
<15mA
<500µA
VON
VOFF
ICC
VCC
4
Test Circuit Open Loop Laboratory Test Fixture
VREF
VCC
VOUT
1kΩ
1W
0.1µF
0.1µF
VREF
VCC
VOUT
Gnd
VFB
Sense
OSC
COMP
5kΩ
100kΩ
4.7kΩ
1kΩ
Error Amp
Adjust
4.7kΩ
Sense
Adjust
RT
2N2222
CT
Gnd
A
Typical Performance Characteristics
100
200
700
1k
2k
5k
7k
10k
80
90
RT (Ω)
70
60
50
40
30
20
10
4k
3k
500
400
300
100
.0005
.001
.002
.003
.005
.01
.02
.03
.04
800
900
CT (µF)
700
600
500
400
300
200
100
.05
RT =1.5kΩ
RT =680Ω
RT =10kΩ
Oscillator Frequency vs CT
Oscillator Duty Cycle vs RT
Circuit Description



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com