Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8101 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8101
Description  Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8101 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8101 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8101 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Power Dissipation.............................................................................................................................................Internally Limited
Transient Peak Voltage (46V Load Dump) ..................................................................................................................-15V, 60V
Output Current .................................................................................................................................................Internally Limited
ESD Susceptibility (Human Body Model) ..............................................................................................................................2kV
Operating Temperature..........................................................................................................................................-40¡C to 125¡C
Junction Temperature .............................................................................................................................................-40¡C to 150¡C
Storage Temperature ................................................................................................................................................-55C to 150¡C
Lead Temperature Soldering Wave Solder (through hole styles only) ..........................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ..........................................60 sec. max above 183¡C, 230¡C peak
Electrical Characteristics: 6V ² VIN ² 26V, IOUT = 1mA, -40 ² TA ² 125, -40 ² TJ ² 150¡C unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
s Output Stage
Output Voltage, VOUT
9V < VIN < 16V, 100µA ² IOUT ² 100mA
4.90
5.00
5.10
V
6V ² VIN ² 26V, 100µA ² IOUT ² 100mA
4.85
5.00
5.15
V
Dropout Voltage (VIN-VOUT)IOUT = 100mA
400
600
mV
IOUT = 100µA
100
150
mV
Load Regulation
VIN = 14V, 100µA ² IOUT ² 100mA
5
50
mV
Line Regulation
6V < V < 26V, IOUT = 1mA
5
50
mV
Quiescent Current, (IQ)
Active Mode
IOUT = 100µA, VIN = 6V
70
140
µA
IOUT = 50mA
4
6
mA
IOUT ² 100mA
12
20
mA
Sleep Mode
VOUT = OFF, VIN = 6V, V
= 2V
20
50
µA
Ripple Rejection
7 ² VIN ² 17V, IOUT = 100mA, f = 120Hz
60
75
dB
Current Limit
105
200
mA
Short Circuit Output Current
VOUT = 0V
25
125
mA
Thermal Shutdown
150
180
¡C
Overvoltage Shutdown
VOUT ² 1V
303438
V
Reverse Current
VOUT = 5V, VIN = 0V
100
200
µA
s Enable Input (
)
Threshold
HIGH
(VOUT OFF)
1.4
2.0
V
LOW
(VOUT ON)
0.6
1.4
V
Input Current
V
= 2.4V
30
100
µA
s Reset Function (
)
Threshold
HIGH (VRH)VOUT Increasing
4.525
4.75
VOUT - 0.05
V
LOW (VRL)VOUT Decreasing
4.500
4.700
VOUT - 0.075
V
Hysteresis
(HIGH - LOW)
25
50
100
mV
Reset Output Leakage
VOUT ³VRH
25
µA
= HIGH
Output Voltage
Low (VRLO)
1V ² VOUT ²VRL
0.1
0.4
V
R
= 10K
Low (VRpeak)
VOUT, Power up, Power down
0.6
1.0
V
RESET
RESET
RESET
RESET
RESET
ENABLE
ENABLE
ENABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com