Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8156 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8156
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8156 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8156 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
5 Lead TO-220
1VIN
Supply voltage, usually direct from battery.
2VOUT1
Regulated output 12V, 750mA (typ)
3
Gnd
Ground connection.
4
ENABLE
CMOS compatible input lead; switches outputs on and off.
When ENABLE is high VOUT1 and VOUT2 are active.
5VOUT2
Regulated output 5V, 100mA (typ).
Electrical Characteristics for VOUT: VIN = 14.5V, IOUT1 = 5mA, IOUT2 = 5mA, -40¡C ² TJ ² +150ûC, -40¡C ² TC ² +125ûC
unless otherwise specified
s Output Stage(VOUT1)
Output Voltage, VOUT1
13V ² VIN ² 16V, IOUT1 ² 750mA
11.2
12.0
12.8
V
Dropout Voltage
IOUT1 = 500mA
0.4
0.6
V
IOUT1 = 750mA
0.6
1.0
V
Line Regulation
13V ² VIN ² 16V ,5mA ² IOUT < 100mA
15
80
mV
Load Regulation
5mA ² IOUT1 ² 500mA
15
80
mV
Quiescent Current
IOUT1 ² 500mA, No Load on Standby
45
125
mA
IOUT1 ² 750mA, No Load on Standby
100
250
mA
Sleep Mode
ENABLE = Low
200
nA
Ripple Rejection
f = 120Hz, IOUT = 5mA,
42
70
dB
VIN = 1.5VPP at 15.5VDC
Current Limit
0.75
1.20
2.50
A
Maximum Line Transient
VOUT1 ² 13V
60
90
V
Reverse Polarity
VOUT1 ³ -0.6V, 10½ Load
-18
-30
V
Input Voltage, DC
Reverse Polarity Input
1% Duty Cycle, t = 100ms, VOUT ³ -6V,
-50
-80
V
Voltage, Transient
10½ Load
Output Noise Voltage
10Hz - 100kHz
500
µVrms
Output Impedance
500mA DC and 10mA rms, 100Hz
0.2
1.0
½
Over-voltage Shutdown
28
34
45
V
s Standby Output (VOUT2)
Output Voltage, (VOUT2)
9V ² VIN ² 16V, 1mA ² IOUT2 ² 100mA
4.90
5.00
5.10
V
Dropout Voltage
IOUT2 ² 100mA
0.60
V
Line Regulation
6V ² VIN ² 26V; 1mA ² IOUT ² 100mA
5
50
mV
Load Regulation
1mA ² IOUT2 ² 100mA; 9V ² VIN ² 16V
5
50
mV
Quiescent Current
VOUT1 OFF, VOUT2 OFF, VENABLE = 0.8V
1
350
µA
Ripple Rejection
f = 120Hz; IOUT = 100mA,
42
70
dB
VIN = 1.5VPP at 14.5VDC
Current Limit
100
200
mA
s ENABLE Function (ENABLE)
Input ENABLE Threshold
VOUT1 Off
1.25
0.80
V
VOUT1 On
2.00
1.25
V
Input ENABLE Current
VENABLE ²VTHRESHOLD
-10
0
10
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com