Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13003L-E-D-T92-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MJE13003L-E-D-T92-R
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003L-E-D-T92-R Datasheet(HTML) 6 Page - Unisonic Technologies

  MJE13003L-E-D-T92-R Datasheet HTML 1Page - Unisonic Technologies MJE13003L-E-D-T92-R Datasheet HTML 2Page - Unisonic Technologies MJE13003L-E-D-T92-R Datasheet HTML 3Page - Unisonic Technologies MJE13003L-E-D-T92-R Datasheet HTML 4Page - Unisonic Technologies MJE13003L-E-D-T92-R Datasheet HTML 5Page - Unisonic Technologies MJE13003L-E-D-T92-R Datasheet HTML 6Page - Unisonic Technologies MJE13003L-E-D-T92-R Datasheet HTML 7Page - Unisonic Technologies MJE13003L-E-D-T92-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJE13003-E
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R223-009.A
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a transistor: average junction temperature and second
break-down. Safe operating area curves indicate Ic – VCE limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate.
The data of Figure 5 is based on Tc=25°C; TJ(pk) is variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated when Tc 25
°C. Second breakdown limitations do not
derate the same as thermal limitations. Allowable current at the voltages shown on Figure 5 may be found at any case
tem-perature by using the appropriate curve on Figure 7.
TJ(pk) may be calculated from the data in Figure 5. At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations imposed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be sustained simultaneously during turn–off, in most cases,
with the base to emitter junction reverse biased. Under these conditions the collector voltage must be held to a safe
level at or below a specific value of collector current. This can be accomplished by several means such as active
clamping, RC snubbing, load line shaping, etc. The safe level for these devices is specified as Reverse Bias Safe
Operating Area and represents the voltage–current conditions during re-verse biased turn–off. This rating is verified
under clamped conditions so that the device is never subjected to an ava-lanche mode. Figure 6 gives RBSOA
characteristics.
5
Fig 5. Active Region Safe Operating Area
10
500
10
5
0.5
0.2
0.01
20
50
100
200
VCE,COLLECTOR-EMITTERVOLTAGE (VOLTS)
300
2
1
0.1
0.05
0.02
THERMAL LIMIT (SINGLE PULSE)
BONDING WIRE LIMIT
SECOND BREAKDOWN LIMIT
CURVES APPLY BELOW RATED VCEO
10µS
100µS
1.0ms
5.0ms
dc
Tc=25?
Fig 6. Reverse Bias Safe Operating Area
1.6
1.2
0.8
0
VCEV,COLLECTOR-EMITTER LAMP VOLTAGE(VOLTS)
0.4
0
100
800
200
400
30
0
500
600
700
VBE(off)=9V
Tj? 100?
IB1=1A
5V
3V
1.5V
20
Fig 7. Forward Bias Power Derating
40
60
160
1
0.8
0.
6
0.4
0.2
0
80
100
120
IC, CASE TEMPERATURE (? )
140
SECOND BREAKDOWN
DERATING
THERMAL
DERATING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com