Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8221 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8221
Description  Micropower 5V, 100mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8221 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8221 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: 6V ² VIN ² 26V, IOUT = 1mA, -40¡ ² TA ² 125¡C, -40¡ ² TJ ² 150¡C; unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
s Output Stage
Output Voltage, VOUT
9V<VIN<16V, 100µA ² IOUT ² 100mA
4.90
5.00
5.10
V
6V ² VIN ² 26V, 100µA ² IOUT ² 100mA
4.85
5.00
5.15
V
Dropout Voltage (VIN-VOUT)IOUT = 100mA
400
600
mV
IOUT = 100µA
100
150
mV
Load Regulation
VIN = 14V
5
50
mV
100µA ² IOUT ² 100mA
Line Regulation
6V<V<26V
5
50
mV
IOUT = 1mA
Quiescent Current, (IQ)IOUT = 100µA, VIN = 6V
60
120
µA
IOUT ² 50mA
4
6
mA
IOUT ² 100mA
12
20
mA
Ripple Rejection
7V ² VIN ² 17V, IOUT = 100mA,
60
75
dB
f = 120Hz
Current Limit
125
200
mA
Short Circuit Output Current
VOUT = 0V
40
125
µA
Thermal Shutdown (Note 1)
150
180
¡C
Overvoltage Shutdown
VOUT ² 1V
303438
V
Reverse Current
VOUT = 5V, VIN = 0V
100
500
µA
Note 1: This parameter is guaranteed by design, but not parametrically tested in production.
8L SO Narrow
3L
(Internally Fused Leads)
D2PAK
11
VIN
Input voltage.
23
VOUT
5V, ±2%, 100mA output.
3
Ð
NC
No connection.
4
Ð
Sense
Kelvin connection which allows remote sensing of the output
voltage for improved regulation. If remote sensing is not
required, connect to VOUT.
5,6,7,8
2
Gnd
Ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com