Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC002637 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # EC002637
Description  Housing - MSTBO 2,5/ 4-G1R - 1861073
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC002637 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  EC002637 Datasheet HTML 1Page - PHOENIX CONTACT EC002637 Datasheet HTML 2Page - PHOENIX CONTACT EC002637 Datasheet HTML 3Page - PHOENIX CONTACT EC002637 Datasheet HTML 4Page - PHOENIX CONTACT EC002637 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1861073
10.11.2013   Page 1 / 5
Housing - MSTBO 2,5/ 4-G1R - 1861073
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5 mm, Assembly:
Soldering, Article with lateral pin exit
Product Features
 Headers for ME/ME MAX electronics housing
 5 mm pitch
 2 to 4-pos.
 Plug-in direction orthogonal to the PCB
 
Key commercial data
Packing unit
1 1
GTIN
Weight per Piece (excluding packing)
2.81 GRM
Custom tariff number
85366990
Country of origin
India
Technical data
Product type
Printed circuit board housing
Approval
CSA
UL Recognized
VDE report with production monitoring
cUL Recognized
GOST
IECEE CB Scheme
GOST
CCA


Similar Part No. - EC002637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC002637 PHOENIX-EC002637 Datasheet
76Kb / 5P
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
EC002637 PHOENIX-EC002637 Datasheet
128Kb / 8P
Base strip - MSTBV 2,5/ 6-G - 1753518
EC002637 PHOENIX-EC002637 Datasheet
128Kb / 8P
Base strip - MSTBV 2,5/10-G - 1753592
EC002637 PHOENIX-EC002637 Datasheet
102Kb / 6P
Base strip - GMSTBA 2,5/ 3-G - 1766356
EC002637 PHOENIX-EC002637 Datasheet
97Kb / 5P
Base strip - MCV 1.5/ 2-GF-3.5 - 1843224
More results

Similar Description - EC002637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861031 PHOENIX-1861031 Datasheet
74Kb / 4P
Base strip - MSTBO 2,5/ 3-G1R GN
1861044 PHOENIX-1861044 Datasheet
88Kb / 6P
Base strip - MSTBO 2,5/ 2-G1R
2854791 PHOENIX-2854791 Datasheet
81Kb / 5P
Base strip - MSTBO 2,5/ 2-G1R KMGY
2907800 PHOENIX-2907800 Datasheet
80Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1R BU
2200252 PHOENIX-2200252 Datasheet
98Kb / 5P
Base strip - MSTBO 2,5/ 2-G1R THRR32 BK
2853158 PHOENIX-2853158 Datasheet
58Kb / 4P
Base strip - MSTBO 2,5/ 3-G1R BUGY
2854733 PHOENIX-2854733 Datasheet
57Kb / 4P
Base strip - MSTBO 2,5/ 3-G1R BU
2909552 PHOENIX-2909552 Datasheet
57Kb / 4P
Electronic housing - MSTBO 2,5/ 3-G1R GY
2915229 PHOENIX-2915229 Datasheet
176Kb / 5P
MSTBO 2,5/ 3 G1R THRR44 BK
2854568 PHOENIX-2854568 Datasheet
59Kb / 2P
Feed-through header - MSTBO 2,5/ 4-G1R GY
12/16/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com