Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT1116AL-L-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBT1116AL-L-AE3-R
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1116AL-L-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBT1116AL-L-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT1116AL-L-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT1116AL-L-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT1116AL-L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT1116/A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-098.C
ABSOLUTE MAXIMUM RATINGS (TA=25C,unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
MMBT1116
VCBO
-60
V
MMBT1116A
-80
Collector to Emitter Voltage
MMBT1116
VCEO
-50
V
MMBT1116A
-60
Emitter to Base Voltage
VEBO
-6
V
Collector Current
DC
IC
-1
A
Pulse(Note2)
ICM
-2
A
Total Power Dissipation
PC
350
mW
Junction Temperature
TJ
+150
C
Storage Temperature
TSTG
-55 ~ +150
C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width≦10ms, Duty cycle≦50%
ELECTRICAL CHARACTERISTICS (TA=25C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Saturation
Voltage(Note)
VCE(SAT) IC=-1A, IB=-50mA
-0.2
V
Base-Emitter Saturation Voltage(Note)
VBE(SAT) IC=-1A, IB=-50mA
-0.9
-1.2
V
Base Emitter On Voltage(Note)
VBE(ON)
VCE=-2V, IC=-50mA
-600
-650
-700
mV
Collector Cut-Off Current
ICBO
VCB=-60V, IE=0
-100
nA
Emitter Cut-Off Current
IEBO
VEB=-6V, IC=0
-100
nA
DC Current Gain(Note)
hFE1
VCE=-2V,
IC=-100mA
MMBT1116
135
600
MMBT1116A
135
400
hFE2
VCE=-2V, IC=-1A
81
Transition Frequency
fT
VCE=-2V, IC=-100mA
70
120
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
25
pF
Turn On Time
tON
VCC=-10V, IC=-100mA
IB1=-IB2=-10mA, VBE(OFF)=2 ~ 3V
0.07
μs
Storage Time
tSTG
0.7
μs
Fall Time
tF
0.07
μs
Note: Pulse Test: Pulse width≦350μs, Duty cycle≦2%
CLASSIFICATION OF hFE1
RANK
Y
G
L
hFE1
135 ~ 270
200 ~ 400
300 ~ 600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com