Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA42L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA42L-AE3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA42L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA42L-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA42L-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA42L-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA42L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA42/43
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R206-004,F
HIGH VOLTAGE TRANSISTOR
DESCRIPTION
The UTC MMBTA42/43 are high voltage transistors, designed
for telephone switch and high voltage switch.
FEATURES
* Collector-Emitter voltage: VCEO=300V(MMBTA42)
* Collector-Emitter voltage: VCEO=200V(MMBTA43)
* High current gain
* Collector Dissipation: Pc (max) =350mW
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MMBTA42L-AE3-R
MMBTA42G-AE3-R
SOT-23
E
B
C
Tape Reel
MMBTA43L-AE3-R
MMBTA43G-AE3-R
SOT-23
E
B
C
Tape Reel
MARKING
MMBTA42
MMBTA43
1D.
L: Lead Free
G: Halogen Free
1F.
L: Lead Free
G: Halogen Free


Similar Part No. - MMBTA42L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA42L-AE3-R UTC-MMBTA42L-AE3-R Datasheet
126Kb / 4P
HIGH VOLTAGE RANSISTOR
MMBTA42L-AE3-R UTC-MMBTA42L-AE3-R Datasheet
64Kb / 3P
HIGH VOLTAGE TRANSISTOR
MMBTA42L-AE3-R UTC-MMBTA42L-AE3-R Datasheet
109Kb / 4P
HIGH VOLTAGE TRANSISTOR
MMBTA42L-AE3-R UTC-MMBTA42L-AE3-R Datasheet
64Kb / 3P
HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MMBTA42L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com