Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA55G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA55G-AE3-R
Description  PNP MMBTA55
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA55G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA55G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA55G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA55G-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA55
Preliminary
AMPLIFIER TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., LTD
QW-R206-104.b
PNP MMBTA55
FEATURES
* Collector-Emitter Voltage: VCEO=60V
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MMBTA55L-AE3-R
MMBTA55G-AE3-R
SOT-23
E
B
C
Tape Reel
MMBTA55L-AL3-R
MMBTA55G-AL3-R
SOT-323
E
B
C
Tape Reel
Note: Pin assignment: E: EMITTER, C: COLLECTOR, B: BASE
MARKING
6E
L: Lead Free
G: Halogen Free


Similar Part No. - MMBTA55G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA55G-AE3-R UTC-MMBTA55G-AE3-R Datasheet
140Kb / 3P
PNP MMBTA55
More results

Similar Description - MMBTA55G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
NXP Semiconductors
PEMB4_PUMB4 PHILIPS-PEMB4_PUMB4_15 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped
2003 Oct 15
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Unisonic Technologies
MMBTA55 UTC-MMBTA55_15 Datasheet
140Kb / 3P
PNP MMBTA55
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com