Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT5551L-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMDT5551L-AL6-R
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMDT5551L-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMDT5551L-AL6-R Datasheet HTML 1Page - Unisonic Technologies MMDT5551L-AL6-R Datasheet HTML 2Page - Unisonic Technologies MMDT5551L-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMDT5551
Preliminary
DUAL TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R218-022.b
HIGH VOLTAGE SWITCHING
TRANSISTOR
DESCRIPTION
The UTC MMDT5551 is a high voltage fast-switching dual
NPN transistor. It is characterized with high breakdown voltage,
high current gain and high switching speed.
FEATURES
* High Collector-Emitter Voltage: VCEO=160V
* High current gain
EQUIVALENT CIRCUIT
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
MMDT5551L-AL6-R
MMDT5551G-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
MARKING


Similar Part No. - MMDT5551L-AL6-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5551 DIODES-MMDT5551 Datasheet
41Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30172 Rev. C-1
MMDT5551 DIODES-MMDT5551 Datasheet
78Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30172 Rev. 7 - 2
logo
Micro Commercial Compon...
MMDT5551 MCC-MMDT5551 Datasheet
114Kb / 2P
Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT5551 DIODES-MMDT5551 Datasheet
180Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
logo
Micro Commercial Compon...
MMDT5551 MCC-MMDT5551 Datasheet
215Kb / 2P
Plastic-Encapsulate Transistors
More results

Similar Description - MMDT5551L-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N5551 UTC-2N5551 Datasheet
53Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401 Datasheet
52Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1759 KEXIN-2SA1759 Datasheet
52Kb / 2P
High-Voltage Switching Transistor
logo
Unisonic Technologies
2N5551 UTC-2N5551_10 Datasheet
175Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401 Datasheet
110Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMBT5401 UTC-MMBT5401_15 Datasheet
116Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401_15 Datasheet
103Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551 UTC-PZT5551_15 Datasheet
199Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401_15 Datasheet
106Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
ARTSCHIP ELECTRONICS CO...
MMBT5551 ARTSCHIP-MMBT5551 Datasheet
1Mb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com