Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2510G-R-T3P-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MP2510G-R-T3P-T
Description  PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MP2510G-R-T3P-T Datasheet(HTML) 1 Page - Unisonic Technologies

  MP2510G-R-T3P-T Datasheet HTML 1Page - Unisonic Technologies MP2510G-R-T3P-T Datasheet HTML 2Page - Unisonic Technologies MP2510G-R-T3P-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MP2510
Preliminary
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R214-021.a
PNP TRANSISTOR
DESCRIPTION
The UTC MP2510 is a PNP transistor, it uses UTC’s advanced
technology to provide the customers with high DC current gain and
high collector-emitter breakdown voltage, etc.
The UTC MP2510 is suitable for automobile power amplifiers,
etc.
FEATURES
* High DC current gain (Min = 40@VCE = 4V, IC = 12A)
* High collector-emitter breakdown voltage (Min = -100V)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MP2510L-x-T3P-T
MP2510G-x-T3P-T
TO-3P
B
C
E
Tube
Pin Assignment: B: Base
C: Collector
E: Emitter


Similar Part No. - MP2510G-R-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MP2510G-X-T3P-T UTC-MP2510G-X-T3P-T Datasheet
74Kb / 3P
PNP TRANSISTOR
More results

Similar Description - MP2510G-R-T3P-T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com