Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA92G-AB3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MPSA92G-AB3-R
Description  HIGH VOLTAGE PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA92G-AB3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MPSA92G-AB3-R Datasheet HTML 1Page - Unisonic Technologies MPSA92G-AB3-R Datasheet HTML 2Page - Unisonic Technologies MPSA92G-AB3-R Datasheet HTML 3Page - Unisonic Technologies MPSA92G-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSA92/93
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-019.D
TYPICAL CHARACTERISTICS
Collector Current, IC (mA)
DC Current Gain
Collector Current, IC (mA)
Saturation Voltage
VCE=-10V
VCE(SAT)
VBE(SAT)
IC=10×IB
-100
-101
-102
-103
-104
100
101
102
103
-101
-102
-103
-104
-100
-101
-102
-103
-104
Collector-Base Voltage, BVCBO (V)
Capacitance
CIB
CCB
Collector-Emitter Voltage, BVCEO (V)
Active-Region Safe Operating Area
DC
1.0ms
UTC
MPSA93
UTC
MPSA92
625mW Thermal limitation
TA=25°С
bonding breakdown
limitation TJ=25°С
101
102
-10-1
-100
-101
-102
-101
-102
-103
-104
-100
-101
-102
-103
Current Gain Bandwidth Product
Collector Current, IC (mA)
VCE=-20V
f=100MHz
101
102
103
-100
-101
-102
0.1ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com