Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA93G-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MPSA93G-AB3-R
Description  HIGH VOLTAGE PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA93G-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MPSA93G-AB3-R Datasheet HTML 1Page - Unisonic Technologies MPSA93G-AB3-R Datasheet HTML 2Page - Unisonic Technologies MPSA93G-AB3-R Datasheet HTML 3Page - Unisonic Technologies MPSA93G-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPSA92/93
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-019.D
ABSOLUTE MAXIMUM RATING (TA=25°С unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
MPSA92
VCBO
-300
V
MPSA93
-200
V
Collector-Emitter Voltage
MPSA92
VCEO
-300
V
MPSA93
-200
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Collector Dissipation
SOT-89
PC
0.5
W
TO-92
0.62
W
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown
Voltage
MPSA92
BVCBO
IC=-100µA, IE=0
-300
V
MPSA93
-200
V
Collector-Emitter Breakdown
Voltage
MPSA92
BVCEO
IC=-1mA, IB=0
-300
V
MPSA93
-200
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-100µA, IC=0
-5
V
Collector Cut-Off Current
MPSA92
ICBO
VCB=-200V, IE=0
-0.25 µA
MPSA93
-0.25 µA
Emitter Cut-Off Current
IEBO
VEB=-3V, IC=0
-0.10 µA
ON CHARACTERISTICS
DC Current Gain(note)
hFE
VCE=-10V, IC=-1mA
VCE=-10V, IC=-10mA
VCE=-10V, IC=-30mA
60
80
80
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-20mA, IB=-2mA
-0.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-20mA, IB=-2mA
-0.90
V
SMALL SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
VCE=-20V, IC=-10mA, f=100MHz
50
MHz
Output Capacitance
MPSA92
Cob
VCB=-20V, IE=0, f=1MHz
6
pF
MPSA93
8
pF
Note: Pulse test: PW<300µs, Duty Cycle<2%, VCE(SAT)<200mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com