Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G11G-AL6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC1G11G-AL6-R
Description  SINGLE 3-INPUT POSITIVE-AND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G11G-AL6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC1G11G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G11G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G11G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G11G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G11G-AL6-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G11G-AL6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74LVC1G11
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-958.A
TEST CIRCUIT AND WAVEFORMS
VCC
INPUTS
VM
CL
RL
VI
tr / tf
1.8V±0.15V
VCC
≤2ns
VCC/2
15pF
1MΩ
30pF
1KΩ
2.5V±0.2V
VCC
≤2ns
VCC/2
15pF
1MΩ
30pF
500Ω
3.3V±0.3V
3V
≤2.5ns
1.5V
15pF
1MΩ
50pF
500Ω
5V±0.5V
VCC
≤2.5ns
VCC/2
15pF
1MΩ
50pF
500Ω
Figure 1. Test Circuit and Voltage Waveforms
Note: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤10MHz, ZO=50Ω.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com