Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA43G-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MPSA43G-AB3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA43G-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MPSA43G-AB3-R Datasheet HTML 1Page - Unisonic Technologies MPSA43G-AB3-R Datasheet HTML 2Page - Unisonic Technologies MPSA43G-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MPSA42/43
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-034.C
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
MPSA42
300
V
Collector-Base Voltage
MPSA43
VCBO
200
V
MPSA42
300
V
Collector-Emitter Voltage
MPSA43
VCEO
200
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
Ic
500
mA
SOT-89
500
mW
Collector Dissipation (Ta=25
)
TO-92
Pc
625
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
J =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MPSA42
300
V
Collector-Base Breakdown
Voltage
MPSA43
BVCBO
Ic=100
μA, I
E=0
200
V
MPSA42
300
V
Collector-Emitter Breakdown
Voltage
MPSA43
BVCEO
Ic=1mA, IB=0
200
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA, Ic=0
6
V
MPSA42
VCB=200V, IE=0
100
nA
Collector Cut-Off Current
MPSA43
ICBO
VCB=160V, IE=0
100
nA
MPSA42
VEB=6V, Ic=0
100
nA
Emitter Cut-Off Current
MPSA43
IEBO
VEB=4V, Ic=0
100
nA
DC Current Gain
hFE
VCE=10V, Ic=1mA
VCE=10V, Ic=10mA
VCE=10V, Ic=30mA
80
80
80
300
Collector-Emitter Saturation Voltage
VCE(SAT)
Ic=20mA, IB=2mA
0.2
V
Base-Emitter Saturation Voltage
VBE(SAT)
Ic=20mA, IB=2mA
0.90
V
Current Gain Bandwidth Product
fT
VCE=20V, Ic=10mA,
f=100MHz
50
MHz
MPSA42
3
pF
Collector Base Capacitance
MPSA43
Ccb
VCB=20V, IE=0
f=1MHz
4
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com