Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G74G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC1G74G-S08-R
Description  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G74G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC1G74G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC1G74G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74LVC1G74
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-989. A
SWITCHING CHARACTERISTICS (See Fig. 1 and Fig. 2 for test circuit and waveforms.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum Frequency Response
fMax
VCC=1.8V
80
MHz
VCC=2.5V
175
MHz
VCC=3.3V
175
MHz
VCC=5.0V
200
MHz
Propagation delay from input
(CLK) to output(Q)
tPLH/tPHL
VCC=1.8V
4.8
13.4
ns
VCC=2.5V
2.2
7.1
ns
VCC=3.3V
2.2
5.9
ns
VCC=5.0V
1.4
4.1
ns
Propagation delay from input
(CLK) to output( Q)
tPLH/tPHL
VCC=1.8V
6
14.4
ns
VCC=2.5V
3
7.7
ns
VCC=3.3V
2.6
6.2
ns
VCC=5.0V
1.6
4.4
ns
Propagation delay from input
(
PRE or CLR ) to output(Q or Q)
tPLH/tPHL
VCC=1.8V
4.4
12.9
ns
VCC=2.5V
2.3
7
ns
VCC=3.3V
1.7
5.9
ns
VCC=5.0V
1.6
4.1
ns
OPERATING CHARACTERISTICS(TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
f=10MHz
VCC=1.8V
35
pF
VCC=2.5V
35
pF
VCC=3.3V
37
pF
VCC=5.0V
40
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com