Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G08G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G08G-AE5-R
Description  SINGLE 2-INPUT EXCLUSIVE-OR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G08G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G08G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G86
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A73.A
SINGLE 2-INPUT
EXCLUSIVE-OR GATE
DESCRIPTION
The U74LVC1G86 is a single 2-input EXCLUSIVE-OR gate
which provides the Function
B
A
Y
or
B
A
B
A
Y
in
positive logic. Inputs can be driven from either 3.3V or 5V devices.
These features allow the use of these devices in a mixed 3.3V and
5V environment.
This device is fully specified for partial Power-down applications
using IOFF. The IOFF circuitry disables the output, preventing the
damaging backflow current through the device when it is powered
down.
FEATURES
* Operate from 1.65V to 5.5V
* Inputs accept voltages to 5.5V
* IOFF supports partial-power-down mode
* Low power dissipation
* Max tPD of 4 ns at 3.3V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G08L-AE5-R
U74LVC1G08G-AE5-R
SOT-23-5
Tape Reel
U74LVC1G08L-AL5-R
U74LVC1G08G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74LVC1G08G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G08G-AE5-R UTC-U74LVC1G08G-AE5-R Datasheet
171Kb / 5P
2-INPUT AND GATE
U74LVC1G08G-AE5-R UTC-U74LVC1G08G-AE5-R Datasheet
189Kb / 5P
2-INPUT AND GATE
U74LVC1G08G-AE5-R UTC-U74LVC1G08G-AE5-R Datasheet
214Kb / 6P
SINGLE 2-INPUT OR GATE
U74LVC1G08G-AE5-R UTC-U74LVC1G08G-AE5-R Datasheet
194Kb / 5P
2-INPUT AND GATE
More results

Similar Description - U74LVC1G08G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_18 Datasheet
207Kb / 14P
Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com