Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC02A Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC02A
Description  QUAD 2-INPUT POSITIVE-NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC02A Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC02A Datasheet HTML 1Page - Unisonic Technologies U74LVC02A Datasheet HTML 2Page - Unisonic Technologies U74LVC02A Datasheet HTML 3Page - Unisonic Technologies U74LVC02A Datasheet HTML 4Page - Unisonic Technologies U74LVC02A Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC02A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-992.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
IOH=-100 μA, VCC=1.65V~3.6V
VCC -0.2
V
IOH=-4 mA, VCC=1.65V
1.2
IOH=-8 mA, VCC=2.3V
1.7
IOH=-12 mA, VCC=2.7V
2.2
IOH=-12 mA, VCC=3V
2.4
IOH=-24 mA, VCC=3V
2.2
Low-Level Output Voltage
VOL
IOL=100 μA, VCC=1.65V~3.6V
0.2
V
IOL=4 mA, VCC=1.65V
0.45
IOL=8 mA, VCC=2.3V
0.7
IOL=12 mA, VCC=2.7V
0.4
IOL=24 mA, VCC=3V
0.55
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=0~3.6V
±5
μA
Quiescent Supply Current
ICC
VIN= VCC or GND, IOUT = 0
10
μA
Additional quiescent Supply
Current
 ICC
One input at VCC-0.6V; other inputs at
VCC or GND
500
μA
Input Capacitance (Note)
CIN
VIN = VCC or GND, VCC=3.3V
5
pF
Note: All typical values are at VCC = 3.3 V, TA = 25 °C.
SWITCHING CHARACTERISTICS TA =25°C , unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(A or B) to output (Y)
tPLH/tPHL
VCC=1.8V, CL=30pF,
RL=1KΩ
13.4
ns
VCC=2.5±0.2V, CL=30pF,
RL=500Ω
1
7.4
VCC=2.7V, CL=50pF,
RL=500Ω
5.4
VCC=3.3±0.3V, CL=50pF,
RL=500Ω
1
4.4
Skew between any two outputs of the same
package switching in the same direction
tsk(o)
VCC=3.3±0.3V, CL=50pF,
RL=500Ω
1
ns
OPERATING CHARACTERISTICS TA =25°C , unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power dissipation capacitance per gate
CPD
f=10MHz
VCC=1.8V
7.5
pF
VCC=2.5V
8.5
VCC=3.3V
9.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com