Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC02AG-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC02AG-S14-R
Description  QUAD 2-INPUT POSITIVE-NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC02AG-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC02AG-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC02AG-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC02AG-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC02AG-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC02AG-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC02A
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-992.A
QUAD 2-INPUT POSITIVE-NOR
GATE
DESCRIPTION
The U74LVC02A is a quad 2-input positive-NOR gate which
performs the function
Y=A+B or Y=Α×Β . It is designed for 1.65V
to 3.6V operation.
FEATURES
* Wide supply voltage range from 1.65V to 3.6V
* Max tpd of 4.4ns at 3.3V
* Up to 5.5V inputs accept voltages
* Low power consumption, ICC=10μA (Max.)
* ±24 mA output driver at 3V
* Typical VOLP (Output Ground Bounce) < 0.8V, VCC=3.3V, TA=25°C
* Typical VOHV (Output VOH undershoot) > 2V, VCC=3.3V, TA=25°C
SOP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC02AL-S14-R
U74LVC02AG-S14-R
SOP-14
Tape Reel


Similar Part No. - U74LVC02AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC02AG-S14-R UTC-U74LVC02AG-S14-R Datasheet
193Kb / 5P
QUAD 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - U74LVC02AG-S14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
logo
Unisonic Technologies
U74LVC02A UTC-U74LVC02A_15 Datasheet
193Kb / 5P
QUAD 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com