Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC74AL-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC74AL-S14-R
Description  DUAL POSITIVE-EDGE TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC74AL-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC74AL-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC74AL-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC74AL-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC74AL-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC74AL-S14-R Datasheet HTML 5Page - Unisonic Technologies U74LVC74AL-S14-R Datasheet HTML 6Page - Unisonic Technologies U74LVC74AL-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC74A
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-879.C
DUAL POSITIVE-EDGE-
TRIGGERED D-TYPE
FLIP-FLOPS WITH CLEAR
AND PRESET
DESCRIPTION
The U74LVC74A is a dual positive-edge-triggered D-type
flip-flop.
The preset ( PRE ) and clear ( CLR ) input can set or reset the
output, egardless of the levels f others inputs. When the PRE and
CLR are inactive(high),data at the data input meeting the set-up
time requirements is transferred to the outputs on the positive-going
edge of the clock pulse. Following the hold-time interval, data D can
be changed without affecting the levels at the outputs.
FEATURES
* 1.65V to 3.6V VCC Operation
* Inputs Accept Voltages to 5.5V
* Max tpd at 5.2ns of 3.3V
* Typical VOLP<0.8V at VCC=3.3V, TA=25°C
* Typical VOHV>2V at VCC=3.3V, TA=25°C
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC74AL-S14-T
U74LVC74AG-S14-T
SOP-14
Tube
U74LVC74AL-S14-R
U74LVC74AG-S14-R
SOP-14
Tape Reel
U74LVC74AL-P14-T
U74LVC74AG-P14-T
TSSOP-14
Tube
U74LVC74AL-P14-R
U74LVC74AG-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74LVC74AL-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC74AG-P14-R UTC-U74LVC74AG-P14-R Datasheet
220Kb / 7P
DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
U74LVC74AG-S14-R UTC-U74LVC74AG-S14-R Datasheet
220Kb / 7P
DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
U74LVC74A UTC-U74LVC74A_15 Datasheet
220Kb / 7P
DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
More results

Similar Description - U74LVC74AL-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com