Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4023BL-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD4023BL-S14-R
Description  TRIPLE 3-INPUT NAND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4023BL-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD4023BL-S14-R Datasheet HTML 1Page - Unisonic Technologies UCD4023BL-S14-R Datasheet HTML 2Page - Unisonic Technologies UCD4023BL-S14-R Datasheet HTML 3Page - Unisonic Technologies UCD4023BL-S14-R Datasheet HTML 4Page - Unisonic Technologies UCD4023BL-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD4023B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-865.b
TRIPLE 3-INPUT NAND GATE
DESCRIPTION
The UCD4023B contains three independent 3-input NAND
gates, they perform the function Y=A B C
×× in positive logic.
FEATURES
* 5V-10V-15V Parametric Ratings
* Triple 3-Input NAND Gate
* Symmetrical Output Characteristics
* Maximum Input Current of 1uA at 15V Over Full Package
Temperature Rage
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD4023BL-S14-R
UCD4023BG-S14-R
SOP-14
Tape Reel
UCD4023BL-S14-T
UCD4023BG-S14-T
SOP-14
Tube
UCD4023BL-P14-R
UCD4023BG-P14-R
TSSOP-14
Tape Reel
UCD4023BL-P14-T
UCD4023BG-P14-T
TSSOP-14
Tube


Similar Part No. - UCD4023BL-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4023BL-S14-R UTC-UCD4023BL-S14-R Datasheet
183Kb / 5P
TRIPLE 3-INPUT NAND GATE
More results

Similar Description - UCD4023BL-S14-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com