Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD40106BG-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD40106BG-P14-R
Description  HEX SCHMITT TRIGGERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD40106BG-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD40106BG-P14-R Datasheet HTML 1Page - Unisonic Technologies UCD40106BG-P14-R Datasheet HTML 2Page - Unisonic Technologies UCD40106BG-P14-R Datasheet HTML 3Page - Unisonic Technologies UCD40106BG-P14-R Datasheet HTML 4Page - Unisonic Technologies UCD40106BG-P14-R Datasheet HTML 5Page - Unisonic Technologies UCD40106BG-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD40106B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-815.d
HEX SCHMITT TRIGGERS
DESCRIPTION
The UCD40106B is a high speed Si-gate CMOS device which
contains six independent Schmitt-trigger inverters and they perform
the function Y=A.
The device have different input threshold levels for positive-
going (VT+) and negative-going(VT-) signals because of the
Schmitt-trigger action in the input.
FEATURES
* High voltage type (20V rating)
* All inputs have Schmitt-trigger action
* Hysteresis Voltage(TYP): 0.9V at VCC=5V
2.3V at VCC=10V
3.5V at VCC=15V
* Wide supply voltage range from 3V to 18V
* Inputs are TTL-Voltage compatible
* Noise immunity greater than 50%
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD40106BL-S14-R
UCD40106BG-S14-R
SOP-14
Tape Reel
UCD40106BL-S14-T
UCD40106BG-S14-T
SOP-14
Tube
UCD40106BL-P14-R
UCD40106BG-P14-R
TSSOP-14
Tape Reel
UCD40106BL-P14-T
UCD40106BG-P14-T
TSSOP-14
Tube


Similar Part No. - UCD40106BG-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD40106BG-P14-R UTC-UCD40106BG-P14-R Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
More results

Similar Description - UCD40106BG-P14-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
CMOS Hex Schmitt Triggers
December 1992
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
HEX SCHMITT TRIGGERS
logo
Texas Instruments
CD40106BMG4 TI-CD40106BMG4 Datasheet
1Mb / 17P
CMOS HEX SCHMITT TRIGGERS
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
Hex Inverting Schmitt Triggers
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
Hex Inverting Schmitt Triggers
logo
Texas Instruments
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com