Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0805ML080M Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SC0805ML080M
Description  Surface Mount Multilayer Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC0805ML080M Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SC0805ML080M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 5Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 6Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 7Page - Socay Electornics Co., Ltd. SC0805ML080M Datasheet HTML 8Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Surface Mount Multilayer Varistor
Revision November 28, 2013
1 / 8
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC0805ML - SC2220ML Series
SOCAY Electronics Co., Ltd.
www.socay.com
The SC Series is based on Multilayer fabrication technology.
These components are designed to suppress a variety of
transient events, including those speci
fied in IEC 61000-4-2 or
other standards used for Electromagnetic Compliance (EMC).
The SC Series is typically applied to protect integrated circuits
and other components at the circuit board level. It can operate
over a wider temperature range than zener diodes.
u
Rectangle, sizes serialization for hybrid integrated circuit
or printed circuit surface mount components
u
There are many side electrode lead-out material,
particularly suitable for surface mount technology for
solderability and resistance to soldering heat of the
stringent requirements
u
Fast response (<1ns)
u
Low leakage current, low clamping voltage
u
Suitable for reflow, wave soldering and hot air hand
soldering
u
Application for Mother Board, Notebook, Cellular Phone,
PDA, handheld device, DSC, DV, Scanner, and Set- Top
Box
…etc.
u
Suitable
for
Push-Button,
Power
Line
and
Low
Frequency single line over-voltage protect.
(1) Socay Logo
(2) Chip Size (EIA): 0402 / 0603
(3) Series Type: ML- Multilayer Varistor
(4) Varistor Voltage: Value - 080= 08X10
0=8V, 120=12X100=12V
(5) Varistor Voltage Tolerance: N -
±30%, M - ±20%, L - ±15%, K - ±10%
Applicable
Explanation of Part Number
Equivalent Circuits
Description
Features
SC
0805
ML
080
M
(1)
(2)
(3)
(4)
(5)


Similar Part No. - SC0805ML080M

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC0805ML080M SOCAY-SC0805ML080M Datasheet
274Kb / 8P
Surface Mount Multilayer Varistor
SC0805ML080M SOCAY-SC0805ML080M Datasheet
274Kb / 8P
Surface Mount Multilayer Varistor
More results

Similar Description - SC0805ML080M

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC1812ML240K SOCAY-SC1812ML240K Datasheet
274Kb / 8P
Surface Mount Multilayer Varistor
SC1206ML050M SOCAY-SC1206ML050M Datasheet
274Kb / 8P
Surface Mount Multilayer Varistor
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
Surface Mount Multilayer Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
Surface Mount Varistor
NVX NIC-NVX Datasheet
221Kb / 9P
Surface Mount Varistor
NVH NIC-NVH Datasheet
627Kb / 5P
Surface Mount Varistor
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
Surface Mount Varistor
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
Surface Mount Varistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com