Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0402ML080M Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SC0402ML080M
Description  Surface Mount Multilayer Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC0402ML080M Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SC0402ML080M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC0402ML080M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC0402ML080M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC0402ML080M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC0402ML080M Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Surface Mount Multilayer Varistor
Revision November 28, 2013
3 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC0402ML - SC0603ML Series
SOCAY Electronics Co., Ltd.
www.socay.com
Size EIA
(EIAJ)
0402
(1005)
0603
(1608)
Symbol
Inches
Millimeters
Inches
Millimeters
L
0.038
±0.005
0.96
±0.12
0.063
±0.006
1.60
±0.15
W
0.019
±0.003
0.48
±0.0.07
0.031
±0.004
0.80
±0.10
T
0.020
±0.004
0.50
±0.10
0.031
±0.008
0.80
±0.20
C
0.010
±0.006
0.25
±0.15
0.012
±0.008
0.30
±0.20
Solder cream in reflow soldering
Refer to the recommendable land pattern as printing
mask pattern for solder cream.
(1) Print solder in a thickness of 150 to 200
μm
Size EIA
(EIAJ)
0402
(1005)
0603
(1608)
Symbol
Inches
Millimeters
Inches
Millimeters
A
0.024
0.61
0.040
1.02
B
0.020
0.51
0.030
0.76
D
0.020
0.51
0.020
0.50
E
0.067
1.70
0.100
2.54
Precaution for handling of substrate
Do not exceed to bend the board after soldering thes product
extremely. (reference examples)
l Mounting place must be as far as possible from the
position, which is close to the break line of board or on the
line of large holes of board.
l Do not bend extremely the board, in mounting another
component. If necessary, use back-up pin (support pin) to
prevent from bending extremely.
l Do not break the board by hand. We recommend to use
the machine or the jig to break it.
Construction & Dimensions
L
T
C
C
W
Pad Layouts & Precaution for handling of substrate



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com