Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250-080 Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SC250-080
Description  Radial Lead Resettable Polymer PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC250-080 Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SC250-080 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC250-080 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC250-080 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC250-080 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radial Lead Resettable Polymer PTCs
Revision September 12, 2013
1 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC250 Series
SOCAY Electronics Co., Ltd.
www.socay.com
The SC250 Series is designed to protect against short
duration high voltage fault currents (power cross or power
induction surge) typically found in telecom applications
(250Vrms). The series can be used to help telecom
networking equipment meet the protection requirements
speci
fied in ITU K.20 and K.21.
u
0.08-0.18A hold current range
u
250VAC interrupt rating
u
Fast time-to-trip
u
Binned and shorted narrow resistance ranges available
u
RoHS compliant, Lead-Free and Halogen-Free
u
Customer Premises Equipment (CPE)
u
Central Office (CO) / telecom centers
u
Power ports
u
LAN / WAN equipment
u
Access equipment
Maximum Time
To Trip
Resistance
Part Number
I hold (A)
I trip
(A)
V maxi
(Vac)
I max
(A)
P dtyp.
(W)
Current
(A)
Time
(Sec.)
R min
(m
Ω)
R max
(m
Ω)
R 1max
(m
Ω)
SC250-080
0.08
0.16
250
3.0
0.8
0.35
4.0
11.0
22.0
33.0
SC250-090
0.09
0.18
250
3.0
0.8
0.35
5.0
9.0
18.0
27.0
SC250-110
0.11
0.22
250
3.0
1.0
1.00
0.75
6.0
12.0
16.0
SC250-120
0.12
0.24
250
3.0
1.0
1.00
1.50
4.0
8.0
16.0
SC250-120T
0.12
0.24
250
3.0
1.0
1.00
0.75
6.0
12.0
16.0
SC250-145
0.145
0.29
250
3.0
1.0
1.00
2.50
3.0
6.0
14.0
SC250-145T
0.145
0.29
250
3.0
1.0
1.00
1.50
4.5
9.0
14.0
SC250-180C
0.18
0.65
250
10.0
1.5
3.00
0.50
1.6
3.2
4.0
SC250-180S
0.18
0.65
250
10.0
1.5
3.00
0.50
1.6
3.2
4.0
I hold= Hold current: maximum current device will pass without tripping in 25°C still air.
I trip= Trip current: minimum current at which the device will trip in 25°C still air.
V maxi= Maximum voltage that can be safely placed across a device in its tripped state under specified fault conditions.
I max= Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pdtyp.= Power dissipated from device when in the tripped state at 25°C still air.
R min= Minimum resistance of device in initial (un-soldered) state.
R max= Maximum resistance of device in initial (un-soldered) state.
R 1max= Maximum resistance of device at 25°C measured one hour after tripping.
Caution: Operation beyond the speci
fied rating may result in damage and possible arcing and flame.
Description
Features
Electrical Parameters
Applicable


Similar Part No. - SC250-080

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC250-080 SOCAY-SC250-080 Datasheet
476Kb / 5P
Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC250-080

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SC250-020 SOCAY-SC250-020 Datasheet
476Kb / 5P
Radial Lead Resettable Polymer PTCs
SC135-050 SOCAY-SC135-050 Datasheet
464Kb / 4P
Radial Lead Resettable Polymer PTCs
SC30-040 SOCAY-SC30-040 Datasheet
427Kb / 4P
Radial Lead Resettable Polymer PTCs
SC16-050 SOCAY-SC16-050 Datasheet
682Kb / 5P
Radial Lead Resettable Polymer PTCs
SC6-050 SOCAY-SC6-050 Datasheet
406Kb / 4P
Radial Lead Resettable Polymer PTCs
logo
UN Semiconducctor INC
UN30 UNSEMI-UN30 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN6 UNSEMI-UN6 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN135 UNSEMI-UN135 Datasheet
3Mb / 6P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN250 UNSEMI-UN250 Datasheet
3Mb / 6P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
UN60 UNSEMI-UN60 Datasheet
2Mb / 5P
Radial Lead Resettable Polymer PTCs
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com