Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC0603ML080M Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SC0603ML080M
Description  Surface Mount Multilayer Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC0603ML080M Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SC0603ML080M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC0603ML080M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC0603ML080M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC0603ML080M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC0603ML080M Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount Multilayer Varistor
Revision November 28, 2013
4 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC0402ML - SC0603ML Series
SOCAY Electronics Co., Ltd.
www.socay.com
Reflow Condition
Pb-Free assembly
-Temperature Min (Ts(min))
+150
°C
-Temperature Max (Ts(max))
+200
°C
Pre Heat
-Time (min to max) (TS)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3
°C/Second Max
TS(max) to TL - Ramp-up Rate
3
°C/Second Max
- Temperature (TL) (Liquidus)
+217
°C
Reflow
- Time (min to max) (TL)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time within 5
°C of actual peak
Temperature (TP)
20-40 Seconds
Ramp-down Rate
6
°C/Second Max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Note that this product will be easily damaged by rapid heating,
rapid cooling or local heating.
Do not give heat shock over 100
°C in the process of soldering.
We recommend to take preheating and gradual cooling
Soldering gun procedure
Note the follows, in case of using solder gun for replacement.
1) The tip temperature must be less than 280 for the period
within 3 seconds by using soldering gun under 30W
2) The soldering gun tip shall not touch this product directly.
Soldering volume
Note that excess of soldering volume will easily get crack the
body of this product.
Operating Temperature
-40 ~ +85
ºC
Storage Temperature
-40 ~ +85
ºC
Response Time
<1 ns
Solderability
245
±5
ºC, 3±1sec
Solder leach resistance
260
±5
ºC, 10±1sec
Storage Temperature
5 ~ 40
ºC
Relative Humidity
To 65%
Taping Package
Storage Condition
Storage Time
12 Months max
Item
Specifications
Test Condition
Bias Humidity
V
△ V / VV ≤ ±10 %
90%RH, 40
ºC, Working Voltage, 1000 hrs
Thermal Shock
V
△ V / VV ≤ ±10 %
-40
ºC to 85ºC, 30 min. cycle, 5 cycles
Full Load Voltage
V
△ V / VV ≤ ±10 %
Working Voltage, 85
ºC,1000 hrs
Soldering Parameters
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
General Technical Data
Precaution for soldering
Precaution for soldering
Environmental Performance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com