Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1206ML101K Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SC1206ML101K
Description  Surface Mount Multilayer Varistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC1206ML101K Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SC1206ML101K Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC1206ML101K Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC1206ML101K Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC1206ML101K Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC1206ML101K Datasheet HTML 5Page - Socay Electornics Co., Ltd. SC1206ML101K Datasheet HTML 6Page - Socay Electornics Co., Ltd. SC1206ML101K Datasheet HTML 7Page - Socay Electornics Co., Ltd. SC1206ML101K Datasheet HTML 8Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Surface Mount Multilayer Varistor
Revision November 28, 2013
4 / 8
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC0805ML - SC2220ML Series
SOCAY Electronics Co., Ltd.
www.socay.com
SC2220ML Series
Working Voltage
Varistor
Voltage
Clamping
Voltage
Peak
Current
Transient
Energy
Capacitance
<20
μA
Test Condition
DC
AC RMS
@1mA
DC
8/20
μs
8/20
μs
10/1000
μs
1KHz 1Vrms
Symbol
VDC
VRMS
VB
VC
IP
ET
CP
Units
Volts
(Max.)
Volts
(Max.)
Volts
Volts
(Max.)
Amps
(Max.)
Joules
(Max.)
pF
SC2220ML240K
18.0
14.0
21.6~27.0
51.0
1200
5.8
9800~18200
SC2220ML270K
22.0
17.0
26.4~39.6
62.0
1200
7.2
7700~14300
SC2220ML330K
27.0
20.0
32.4~46.8
75.0
1200
7.8
7000~13000
SC2220ML390K
30.0
25.0
36.0~54.0
85.0
1200
7.8
6300~11700
Electrical Characteristics (25
±5ºC) (Continue)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com