Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1302SC Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # P1302SC
Description  Thyristor Surge Suppressors (TSS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P1302SC Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  P1302SC Datasheet HTML 1Page - Socay Electornics Co., Ltd. P1302SC Datasheet HTML 2Page - Socay Electornics Co., Ltd. P1302SC Datasheet HTML 3Page - Socay Electornics Co., Ltd. P1302SC Datasheet HTML 4Page - Socay Electornics Co., Ltd. P1302SC Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thyristor Surge Suppressors (TSS)
Revision September 25, 2013
1 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
P0642SC
– P6002SC Series - DO-214AA(SMB)
@10/700
μS , 6KV
SOCAY Electronics Co., Ltd.
www.socay.com
P0642SC-P6002SC Series are very low capacitance devices
designed to protect broadband equipment such as VoIP, DSL
modems and DSLAMs from damaging over-voltage transients. This
series provides a surface mount solution that enables equipment to
comply with global regulatory standards, while limiting the impact to
broadband signals.
u
Low voltage overshoot
u
Low on-state voltage
u
Does not degrade with use
u
Fails short circuit when surged in excess of ratings
u
Low distortion
u
40% lower capacitance than comparable product
u
TIA-968-A
u
ITU K.20/21 Enhanced level
u
ITU K.20/21 Basic Level
u
GR 1089 Inter building
u
IEC 6100-4-5
u
YD/T 1082
u
YD/T 993
u
YD/T 950
Parameter
Definition
IS
Switching Current - maximum current required to switch to
on state
IDRM
Leakage Current - maximum peak off-state current
measured at VDRM
IH
Holding Current - minimum current required to maintain on
state
IT
On-state Current - maximum rated continuous on-state
current
VS
Switching Voltage - maximum voltage prior to switching to
on stat
VDRM
Peak Off-state Voltage - maximum voltage that can be
applied while maintaining off state
VT
On-state Voltage - maximum voltage measured at rated
on-state current
C0
Off-state Capacitance - typical capacitance measured in
off state
IT
IS
IH
IDRM
VT
VDRM
VS
+I
-I
-V
+V
Description
Features and Benefits
Applicable Global Standards
Schematic Symbol
Electrical Parameters


Similar Part No. - P1302SC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1302SA LITTELFUSE-P1302SA Datasheet
97Kb / 1P
DO-214AA Package Symbolization
logo
Socay Electornics Co., ...
P1302SA SOCAY-P1302SA Datasheet
356Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
Littelfuse
P1302SAL LITTELFUSE-P1302SAL Datasheet
843Kb / 52P
gas plasma arresters-package dimensions/specifications
P1302SALRP LITTELFUSE-P1302SALRP Datasheet
142Kb / 5P
TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
logo
Socay Electornics Co., ...
P1302SB SOCAY-P1302SB Datasheet
355Kb / 5P
Thyristor Surge Suppressors (TSS)
More results

Similar Description - P1302SC

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P0080TA SOCAY-P0080TA Datasheet
355Kb / 5P
Thyristor Surge Suppressors (TSS)
P0080SB SOCAY-P0080SB Datasheet
355Kb / 5P
Thyristor Surge Suppressors (TSS)
P0080LC SOCAY-P0080LC Datasheet
314Kb / 5P
Thyristor Surge Suppressors (TSS)
P0080LB SOCAY-P0080LB Datasheet
314Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
SUNMATE electronic Co.,...
P0080SA SUNMATE-P0080SA Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS TSS
logo
Shenzhen Saite Microele...
P0080SB PHY-P0080SB Datasheet
539Kb / 3P
THYRISTOR SURGE SUPPRESSORS TSS
logo
UN Semiconducctor INC
TISP61089B UNSEMI-TISP61089B Datasheet
2Mb / 4P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
P0080EB UNSEMI-P0080EB Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
P0080EC UNSEMI-P0080EC Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
PXXX0SC-2L UNSEMI-PXXX0SC-2L Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com