Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3500SA Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # P3500SA
Description  Thyristor Surge Suppressors (TSS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P3500SA Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  P3500SA Datasheet HTML 1Page - Socay Electornics Co., Ltd. P3500SA Datasheet HTML 2Page - Socay Electornics Co., Ltd. P3500SA Datasheet HTML 3Page - Socay Electornics Co., Ltd. P3500SA Datasheet HTML 4Page - Socay Electornics Co., Ltd. P3500SA Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Thyristor Surge Suppressors (TSS)
Revision September 25, 2013
2 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
P0080SA - P5000SA Series - DO-214AA(SMB)
@10/700
μS, 2KV
SOCAY Electronics Co., Ltd.
www.socay.com
VDRM
@IDRM=5μA
VS
@100V/
μS
VT
@IT=2.2A
IS
IT
IH
C0
@1MHz
Part
Number
Marking
V min
V max
V max
mA max
A max
mA min
pF min
pF max
P0080SA
P008A
6
25
4
800
2.2
50
25
150
P0300SA
P03A
25
40
4
800
2.2
50
15
140
P0640SA
P06A
58
77
4
800
2.2
150
40
60
P0720SA
P07A
65
88
4
800
2.2
150
35
60
P0900SA
P09A
75
98
4
800
2.2
150
25
55
P1100SA
P11A
90
130
4
800
2.2
150
30
50
P1300SA
P13A
120
160
4
800
2.2
150
25
45
P1500SA
P15A
140
180
4
800
2.2
150
25
40
P1800SA
P18A
170
220
4
800
2.2
150
25
35
P2000SA
P20A
180
220
4
800
2.2
150
20
35
P2300SA
P23A
190
260
4
800
2.2
150
25
35
P2600SA
P26A
220
300
4
800
2.2
150
20
35
P3100SA
P31A
275
350
4
800
2.2
150
20
35
P3500SA
P35A
320
400
4
800
2.2
150
20
35
P4000SA
P40A
360
460
4
800
2.2
150
20
35
P4500SA
P45A
400
540
4
800
2.2
150
20
35
P5000SA
P50A
440
600
4
800
2.2
150
20
35
Notes:
- Absolute maximum ratings measured at TA= 25ºC (unless otherwise noted).
- Devices are bi-directional.
2/10
μS
1
8/20
μS
1
10/160
μS
1
10/560
μS
1
10/1000
μS
1
5/310
μS
1
2/10
μS
2
1.2/50
μS
2
10/160
μS
2
10/560
μS
2
10/1000
μS
2
10/700
μS
2
ITSM
50/60 Hz
di/dt
Series
A min
A min
A min
A min
A min
A min
A min
Amps/
µs max
A
150
150
90
50
45
50
20
500
Notes:
1.
Current waveform in
µs
2.
Voltage waveform in
µs
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product.
- IPP ratings applicable over temperature range of -40ºC to +85ºC
- The device must initially be in thermal equilibrium with -40
°C < T
J < +150°C
Package
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
- 40 to + 150
°C
TS
Storage Temperature Range
- 40 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
90
°C/W
Electrical Characteristics
Surge Ratings
Thermal Considerations
DO-214AA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com