Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5000LB Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # P5000LB
Description  Thyristor Surge Suppressors (TSS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P5000LB Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  P5000LB Datasheet HTML 1Page - Socay Electornics Co., Ltd. P5000LB Datasheet HTML 2Page - Socay Electornics Co., Ltd. P5000LB Datasheet HTML 3Page - Socay Electornics Co., Ltd. P5000LB Datasheet HTML 4Page - Socay Electornics Co., Ltd. P5000LB Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Thyristor Surge Suppressors (TSS)
Revision September 25, 2013
4 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
P0080LB - P5000LB Series - DO-15
@10/700
μS, 4KV
SOCAY Electronics Co., Ltd.
www.socay.com
Lead Material
Copper Alloy
High Temp Voltage
Blocking
80% Rated VDRM (VAC Peak ) +125
°C or +150°C,
Lead Material Copper Alloy High Temp Voltage
Blocking 504 or 1008 hrs. MIL-STD-750 (Method
1040) JEDEC, JESD22-A-101
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Temp Cycling
-65
°C to +150°C, 15 min. dwell, 10 up to 100 cycles.
MIL-STD-750
(Method
1051)
EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 VDC (+85
°C) 85%RH, 504 up to 1008 hrs.
EIA/
JEDEC, JESD22-A-101
High Temp Storage
+150
°C 1008 hrs.
MIL-STD-750 (Method 1031)
JEDEC, JESD22-A-101
Low Temp Storage
-65
°C, 1008 hrs.
Thermal Shock
0
°C to +100°C, 5 min. dwell, 10 sec. transfer,
Thermal Shock 10 cycles.
MIL-STD-750 (Method
1056) JEDEC, JESD22-A-106
Autoclave (Pressure
Cooker Test)
+121
°C, 100%RH, 2atm, 24 up to 168 hrs.
EIA/Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
+260
°C, 30 secs.
MIL-STD-750 (Method 2031
Moisture Sensitivity
Level
85%RH, +85
°C, 168 hrs., 3 reflow cycles Level
(+260
°C Peak).
JEDEC-J-STD-020, Level 1
Reflow Condition
Lead
–free assembly
-Temperature Min (Ts(min))
+150
°C
-Temperature Max (Ts(max))
+200
°C
Pre Heat
-Time (min to max) (ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3
°C/Second Max
TS(max) to TL - Ramp-up Rate
3
°C/Second Max
- Temperature (TL) (Liquidus)
+217
°C
Reflow
- Time (min to max) (ts)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time within 5
°C of actual peak Temperature
(tp)
30 Seconds Max
Ramp-down Rate
6
°C/Second Max
Time 25
°C to peak Temperature (TP)
8 minutes Max
Do not exceed
+260
°C
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
Environmental Specifications
Physical Specifications
Soldering Parameters



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com