Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P06LC Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # P06LC
Description  Thyristor Surge Suppressors (TSS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P06LC Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  P06LC Datasheet HTML 1Page - Socay Electornics Co., Ltd. P06LC Datasheet HTML 2Page - Socay Electornics Co., Ltd. P06LC Datasheet HTML 3Page - Socay Electornics Co., Ltd. P06LC Datasheet HTML 4Page - Socay Electornics Co., Ltd. P06LC Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Thyristor Surge Suppressors (TSS)
Revision September 25, 2013
3 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
P0080LC - P5000LC Series - DO-27
@10/700
μS, 6KV
SOCAY Electronics Co., Ltd.
www.socay.com
Peak
Value
Waveform=tr×td
tr=rise time to peak value
td=decay time to half value
Half Value
100
50
50
tr
td
0
t
– Time (μs)
-40
-20
0
20
40
60
80
100
120
140
160
Junction Temperature (TJ) - ℃
14
12
10
8
6
4
2
9
-4
-6
-8
25℃
-40
-20
0
20
40
60
80
100
120
140
160
Case Temperature (TC) - ℃
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
25℃
IT
IS
IH
IDRM
VT
VDRM
VS
+I
-I
-V
+V
Characteristic Curves
Figure 1 - V-I Characteristics
Figure 3 - Normalized VS Change Versus Junction
Temperature
Figure 2 - tr × td Pulse Waveform
Figure 4 - Normalized DC Holding Current Versus Case
Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com