Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3310 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS3310
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS3310 Datasheet HTML 10Page - Cirrus Logic CS3310 Datasheet HTML 11Page - Cirrus Logic CS3310 Datasheet HTML 12Page - Cirrus Logic CS3310 Datasheet HTML 13Page - Cirrus Logic CS3310 Datasheet HTML 14Page - Cirrus Logic CS3310 Datasheet HTML 15Page - Cirrus Logic CS3310 Datasheet HTML 16Page - Cirrus Logic CS3310 Datasheet HTML 17Page - Cirrus Logic CS3310 Datasheet HTML 18Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Features
•• Demonstrates recommended layout
and grounding arrangements
•• On-board or externally supplied system
control
•• Buffered PC Control Interface
•• Digital and Analog Patch Areas
General Description
The CDB3310 evaluation board allows fast evaluation
of the CS3310 stereo digital volume control. The board
generates all control signals. Evaluation requires a low-
distortion signal source and a power supply.
The evaluation board may be configured to accept ex-
ternal timing signals for operation in a user application
during system development. The CDB3310 also pro-
vides a PC compatible control port for user software
development.
Analog inputs and outputs are standard RCA phono
plugs.
ORDERING INFORMATION:
CDB3310
SEPT ’93
DS82DB1
15
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 Fax: (512) 445 7581
Evaluation Board for CS3310
Semiconductor Corporation
CDB3310
+5V
GND
-5V
AINR
AINL
Microcontroller
PC
Control
Port
Power Supply
Conditioning
Analog
Patch
Area
Digital
Patch
Area
CS3310
AOUTR
AOUTL
CS
SDATAI
SCLK
SDATAO
Copyright
© Crystal Semiconductor Corporation 1993
(All Rights Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com