Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3012-IS Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS3012-IS
Description  Precision Low Voltage Amplifier; DC to 1 kHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012-IS Datasheet(HTML) 2 Page - Cirrus Logic

  CS3012-IS Datasheet HTML 1Page - Cirrus Logic CS3012-IS Datasheet HTML 2Page - Cirrus Logic CS3012-IS Datasheet HTML 3Page - Cirrus Logic CS3012-IS Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CS3011
CS3012
2
1.
CHARACTERISTICS AND SPECIFICATIONS
1.1 ELECTRICAL CHARACTERISTICS
V+ = +5 V,V- = 0V,VCM = 2.5 V (Note 1)
Notes: 1. Symbol “•” denotes specification applies over -40 to +85
° C.
2. This parameter is guaranteed by design and laboratory characterization. Thermocouple effects prohibit
accurate measurement of these parameters in automatic test systems.
3. 1000-hour life test data @ 125 °C indicates randomly distributed variation approximately equal to
measurement repeatability of 1 µV.
4. Measured within the specified common mode range limits.
5. Guaranteed within the output limits of (V+ -0.3 V) to (V- +0.3 V). Tested with proprietary production test
method.
6. PWDN input has an internal pullup resistor to V+ of approximately 800 k
Ω and is the major source of
current consumption when PWDN is pulled low.
7. The device has a controlled start-up behavior due to its complex open loop gain characteristics. Start-
up time applies to when supply voltage is applied or when PDWN is released.
Parameter
CS3011/CS3012
Unit
Min
Typ
Max
Input Offset Voltage
(Note 2)
•
--
±10
µV
Average Input Offset Drift
(Note 2)
•
-±0.01
±0.05
µV/ºC
Long Term Input Offset Voltage Stability
(Note 3)
Input Bias Current
TA =25º C
•
-
±50
±100
±1000
pA
Input Offset Current
TA =25º C
•
-
±100
±200
±2000
pA
Input Noise Voltage Density RS = 100 Ω,f0 =1Hz
RS = 100 Ω,f0 =1kHz
-
-
12
12
Input Noise Voltage
0.1 to 10 Hz
-
250
nVp-p
Input Noise Current Density f0 =1Hz
-
2
Input Noise Current
0.1 to 10 Hz
-
40
pAp-p
Input Common Mode Voltage Range
•
-0.1
-
(V+)-1.25
V
Common Mode Rejection Ratio (dc)
(Note 4)
•
115
120
-
dB
Power Supply Rejection Ratio
•
120
136
-
dB
Large Signal Voltage Gain RL =2kΩ to V+/2
(Note 5)
•
200
300
-
dB
Output Voltage Swing
RL =2kΩ to V+/2
RL = 100 kΩ to V+/2
•
+4.7
-
+4.99
-V
V
Slew Rate
RL = 2 k, 100 pF
2
-
V/µs
Overload Recovery Time
-
600
-
µs
Supply Current per Amplifier
PWDN active (CS3011 Only)
(Note 6)
•
•
-0.75
1.0
15
mA
µA
PWDN Threshold
(Note 6)
•
(V+) -1.0
Start-up Time
(Note 7)
•
-9
12
ms
nV/ Hz
nV/ Hz
pA Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com