Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB140DS17 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LB140DS17
Description  140MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS17 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LB140DS17 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS17 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS17 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS17
Rev. Date
2009-03-27
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS17
Matching Configuration
L1=120nH L2=(100+18)nH
C1=22pF C2=15pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
6
5
12
11
4
3
7
8
9
10
1
3
2
4
10
7
8
9
12
11
5
6
13.3
+0.2
-0.1
0.4
0.79
2.54
SIPAT
LB140DS17
XXYYZZ
Package: SMD13.3*6.5
Unit: mm
Pad Configuration:
Input:
11
Output:
5
Ground:
All Others
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) LB140DS17: Part Number
4) XXYY: Date(Year/month)
5) ZZ: Identified Code
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com