Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C46MN6T Datasheet(PDF) 21 Page - STMicroelectronics

Part # M93C46MN6T
Description  (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46MN6T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M93C46MN6T Datasheet HTML 17Page - STMicroelectronics M93C46MN6T Datasheet HTML 18Page - STMicroelectronics M93C46MN6T Datasheet HTML 19Page - STMicroelectronics M93C46MN6T Datasheet HTML 20Page - STMicroelectronics M93C46MN6T Datasheet HTML 21Page - STMicroelectronics M93C46MN6T Datasheet HTML 22Page - STMicroelectronics M93C46MN6T Datasheet HTML 23Page - STMicroelectronics M93C46MN6T Datasheet HTML 24Page - STMicroelectronics M93C46MN6T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID4997 Rev 15
21/33
M93C86-x M93C76-R M93C66-x M93C56-x M93C46-x
DC and AC parameters
32
Figure 9. AC testing input output waveforms
Table 12. AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
-
Input rise and fall times
-
50
ns
-
Input voltage levels
0.2 VCC to 0.8 VCC
V
-
Input timing reference voltages
0.3 VCC to 0.7 VCC
V
-
Output timing reference voltages
0.3 VCC to 0.7 VCC
V
Table 13. Input and output capacitance
Symbol
Parameter
Test condition(1)
1. Sampled only, not 100% tested, at TA = 25 °C and a frequency of 1 MHz.
Min
Max
Unit
COUT
Output capacitance
VOUT = 0V
-
8
pF
CIN
Input capacitance
VIN = 0V
-
6
pF
MS19788V3
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and output
timing reference levels
Input voltage levels
M93CXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com