Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB140DS48 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LB140DS48
Description  140MHz SAW Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS48 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LB140DS48 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 3Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 4Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 5Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 6Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 7Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 8Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 9Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS48
Rev. Date
2010-06-25
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
3.1
Page 2/9
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
140MHz SAW Filter
40MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS48
Matching Configuration(single-ended)
L1=82nH L2=100nH
C1=22pF C1=8.2pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension(single-ended)
Package: SMD3.8*3.8
Unit: mm
Pad Configuration:
Input:
1
Output:
5
Ground: 2,3,4,6,7,8
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) 140DS48: Part Number
4) XXYY: Date(Year/month)
5) ZZ: Identified Code
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2
3.80 0.15
140DS48
XXYYZZ
8
4
4
8
1.00 0.15
SIPAT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com