Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PAXUSB00
Description  MODEL PAXUSB - USB PROGRAMMING OPTION CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAXUSB00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PAXUSB00 Datasheet HTML 1Page - List of Unclassifed Manufacturers PAXUSB00 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* - Disregard these parameters when configuring unit to upload or download wth
Crimson software.
Red Lion Controls
20 Willow Springs Circle
York PA 17406
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
Red Lion Controls AP
Unit 101, XinAn Plaza
Building 13, No.99 Tianzhou Road
ShangHai, P.R. China 200223
Tel +86 21 6113-3688
Fax +86 21 6113-3683
Red Lion Controls BV
Printerweg 10
NL - 3821 AD Amersfoort
Tel +31 (0) 334 723 225
Fax +31 (0) 334 893 793
!
"
!"##
$%&'
!
"
(
'%)%
DATA BIT *
!
"
*+,
%$-.
!
"
/0
01)
ABBREVIATED PRINTING *
PRINT OPTIONS *
!
"
0''
1%-
PARITY BIT *
!
"
#
%''-
METER ADDRESS
300
1200
600
2400
19200
4800
9600
7
8
Odd
EVEN
NO
0
to 99
YES
NO
YES
NO
It is necessary to match the PAX meter’s serial communications parameters
to the host’s parameters before communications can be established. This is
accomplished by using the PAX front panel keys to enter (2,-3.
The only paramters of concern when utilizing the PAXUSB programming
option card to communicate with Crimson 2 programming software is the Baud
Rate and Meter Address. The Parameters are only accessible when an optional
PAXUSB, RS232 or RS485 serial communications card is installed.
MODULE 7 - SERIAL COMMUNICATIONS PARAMETERS (!"#$%)
PARAMETER MENU
BAUD RATE
Indicates Program Mode Alternating Display.
Factory Settings are shown.
!
"
!"##
$%&'
Parameter
Selection/Value
Set the baud rate to match that of other serial communications equipment.
Normally, the baud rate is set to the highest value that all of the serial
communications equipment is capable of transmitting.
Select either 7 or 8 bit data word lengths. Set the word length to match that
of other serial communication equipment. Since the meter receives and
transmits 7-bit ASCII encoded data, 7 bit word length is sufficient to request
and receive data from the meter.
Set the parity bit to match that of the other serial communications equipment
used. The meter ignores the parity when receiving data, and sets the parity bit
for outgoing data. If no parity is selected with 7-bit word length the meter
transmits and receives data with 2 stop bits. (For example: 10 bit frame with
mark parity)
Enter the serial node address. With a single unit on a bus, an address is not
needed and a value of zero can be used (RS232 applications). Otherwise, with
multiple bussed units, a unique address number must be assigned to each meter.
The node address applies specifically to RS485 applications.
Select abbreviated transmissions (numeric only) or full field transmission.
When the data from the meter is sent directly to a terminal for display, the extra
characters that are sent identify the nature of the meter parameter displayed. In
this case, select /0. When the data from the meter goes to a computer, it may be
desirable to suppress the node address and mnemonic when transmitting. In this
case, set this parameter to 4+5.
4+5
- Enters the sub-menu to select those meter parameters to appear in the
block print. For each parameter in the sub-menu select 4+5 for the parameter to
appear with the block print, and /0 to disable the parameter.
* - Disregard these parameters when configuring unit to upload or download wth Crimson.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com