Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDT1605G-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UDT1605G-AB3-R
Description  120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UDT1605G-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UDT1605G-AB3-R Datasheet HTML 1Page - Unisonic Technologies UDT1605G-AB3-R Datasheet HTML 2Page - Unisonic Technologies UDT1605G-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UDT1605
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-048.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
140
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
4
A
Continuous Collector Current
IC
1
A
Power Dissipation at TA=25°C (Note 1)
Linear Derating Factor
PD
1
W
8
mW/°C
Power Dissipation at TA=25°C (Note 2)
Linear Derating Factor
PD
2.8
W
22
mW/°C
Junction Temperature
TJ:
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
RθJA
125
°C/W
Junction to Ambient (Note 2)
RθJA
45
°C/W
Notes: 1. For a device surface mounted on 25mmx25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
2. For a device surface mounted on FR4 PCB measured at t ≤ 5 secs.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100μA
140
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA (Note 1)
120
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA
10
V
Collector Cut-Off Current
ICBO
VCB=10V
100
nA
VCB=120V, TAMB=100°C
10
μA
Emitter Cut-Off Current
IEBO
VEB=8V
0.1
μA
Collector Emitter Cut-Off Current
ICES
VCES=120V
10
μA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=250mA, IB=0.25mA (Note 1)
1
V
IC=1A, IB=1mA (Note 1)
1.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC=1A, IB=1mA (Note 1)
1.8
V
Base-Emitter Turn-On Voltage
VBE(ON)
IC=1A,VCE=5V (Note 1)
1.7
V
DC Current Gain
hFE
IC=50mA,VCE=5V (Note 1)
2K
IC=500mA, VCE=5V (Note 1)
5K
IC=1A, VCE=5V (Note 1)
2K
100K
IC=2A, VCE=5V (Note 1)
0.5
Transition Frequency
fT
IC=100mA, VCE=10V, f=20MHz
150
MHz
Input Capacitance
CIBO
VCB=500mV, f=1MHz
90
pF
Output Capacitance
COBO
VCB=10V, f=1MHz
15
pF
Turn-On Time
t(ON)
IC=500mA, VCE=10V
IB1=IB2=0.5mA
0.5
μs
Turn-Off Time
t(OFF)
IC=500mA, VCE=10V
IB1=IB2=0.5mA
1.6
μs
Note: 1. Measured under pulsed conditions. Pulse width=300µs. Duty cycle≤2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com